Electronic Components Datasheet Search
  English  ▼

X  

SF31 Datasheet(PDF) 1 Page - Formosa MS

Part # SF31
Description  3.0 AMP SUPER FAST RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

SF31 Datasheet(HTML) 1 Page - Formosa MS

  SF31 Datasheet HTML 1Page - Formosa MS SF31 Datasheet HTML 2Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
3.0 AMP SUPER FAST RECTIFIERS
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25 C ambient temperature uniess otherwies specified.
Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
TYPE NUMBER
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
.375"(9.5mm) Lead Length at Ta=55 C
FEATURES
MECHANICAL DATA
Peak Forward Surge Current, 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Maximum Instantaneous Forward Voltage at 3.0A
Maximum DC Reverse Current
Ta=25 C
at Rated DC Blocking Voltage
Ta=100 C
Maximum Reverse Recovery Time (Note 1)
Typical Junction Capacitance (Note 2)
3.0
125
5.0
50
50
-65
+150
A
A
V
mA
mA
nS
pF
NOTES:
1. Reverse Recovery Time test condition: IF=0.5A, IR=1.0A, IRR=0.25A
2. Measured at 1MHz and applied reverse voltage of 4.0V D.C.
* Low forward voltage drop
* High current capability
* High reliability
* High surge current capability
* Case: Molded plastic
* Epoxy: UL 94V-0 rate flame retardant
* Lead: Axial leads, solderable per MIL-STD-202,
method 208 guranteed
* Polarity: Color band denotes cathode end
* Mounting position: Any
* Weight: 1.10 grams
SF31 THRU SF38
35
* Good for switching mode application
VOLTAGE RANGE
50 to 600 Volts
CURRENT
3.0 Amperes
Dimensions in inches and (millimeters)
1.0(25.4)
MIN.
1.0(25.4)
MIN.
.375(9.5)
.285(7.2)
.052(1.3)
.048(1.2)
DIA.
.220(5.6)
.197(5.0)
DIA.
SF31 SF32 SF33 SF34 SF35 SF36
SF37
SF38
UNITS
50
100
150
200
300
400
500
600
V
0.95
1.25
1.70
Operating and Storage Temperature Range TJ, TSTG
C
35
70
105
140
210
280
350
420
V
50
100
150
200
300
400
500
600
V
DO-201AD
50


Similar Part No. - SF31

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
SF31 MOSPEC-SF31 Datasheet
131Kb / 2P
POWER RECTIFIERS(3.0A,50-400V)
logo
Won-Top Electronics
SF31 WTE-SF31 Datasheet
47Kb / 3P
3.0A SUPER-FAST RECTIFIER
logo
Zowie Technology Corpor...
SF31 ZOWIE-SF31 Datasheet
50Kb / 2P
SUPER FAST RECTIFIER
logo
Rectron Semiconductor
SF31 RECTRON-SF31 Datasheet
28Kb / 2P
GLASS PASSIVATED SUPER FAST RECTIFIER (VOLTAGE RANGE 50 to 400 Volts CURRENT 3.0 Amperes)
logo
Jinan Gude Electronic D...
SF31 JGD-SF31 Datasheet
160Kb / 2P
2.0 AMPS. SUPER FAST RECTIFIERS
More results

Similar Description - SF31

ManufacturerPart #DatasheetDescription
logo
Bytes
SF31 BYTES-SF31 Datasheet
161Kb / 2P
3.0 AMP SUPER FAST RECTIFIERS
logo
Formosa MS
SF31 FORMOSA-SF31 Datasheet
36Kb / 2P
3.0 AMP SUPER FAST RECTIFIERS
logo
First Components Intern...
HER301 FCI-HER301 Datasheet
158Kb / 2P
3.0 Amp SUPER FAST PLASTIC RECTIFIERS
SF31 FCI-SF31 Datasheet
159Kb / 2P
3.0 Amp SUPER FAST PLASTIC RECTIFIERS
logo
UNIOHM CORPORATION
SF31 UNIOHM-SF31 Datasheet
70Kb / 2P
3.0 AMP SUPER FAST RECTIFIERS
logo
Shenzhen Luguang Electr...
31DF4 LUGUANG-31DF4 Datasheet
183Kb / 2P
3.0 AMP. Super Fast Rectifiers
logo
Goodwork Semiconductor ...
SF31 GWSEMI-SF31 Datasheet
71Kb / 2P
3.0 AMP SUPER FAST RECTIFIERS
logo
Nanjing International G...
ER3A DGNJDZ-ER3A Datasheet
220Kb / 2P
3.0 AMP SUPER FAST RECTIFIERS
SF31 DGNJDZ-SF31 Datasheet
324Kb / 2P
3.0 AMP SUPER FAST RECTIFIERS
logo
Shenzhen Yixinwei Techn...
SF31 YIXIN-SF31 Datasheet
262Kb / 2P
3.0 AMP SUPER FAST RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com