Electronic Components Datasheet Search
  English  ▼

X  

SL22-M Datasheet(PDF) 1 Page - Formosa MS

Part # SL22-M
Description  Low VF Chip Schottky Barrier Diodes - Silicon epitaxial planer type
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

SL22-M Datasheet(HTML) 1 Page - Formosa MS

  SL22-M Datasheet HTML 1Page - Formosa MS SL22-M Datasheet HTML 2Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SL22-M THRU SL24-M
(V)
(V)
(V)
(V)
(
oC)
SL22-M
SL22
20
14
20
0.38
SL23-M
SL23
30
21
30
0.40
SL24-M
SL24
40
28
40
0.40
SYMBOLS
MARKING
CODE
-55 to +125
Operating
temperature
VRRM
*1
VRMS
*2
VR
*3
VF
*4
MAXIMUM RATINGS (AT TA=25
oC unless otherwise noted)
PARAMETER
CONDITIONS
Symbol
MIN.
TYP.
MAX.
UNIT
Forward rectified current
See Fig.2
IO
2.0
A
Forward surge current
8.3ms single half sine-wave superimposed on
rate load (JEDEC methode)
IFSM
50
A
VR = VRRM TA =
25
oC
1.0
mA
VR = VRRM TA = 100
oC
10
mA
Thermal resistance
Junction to ambient
RqJA
70
oC / w
Diode junction capacitance
f=1MHz and applied 4vDC reverse voltage
CJ
160
pF
Storage temperature
TSTG
-55
+150
oC
Reverse current
IR
*1 Repetitive peak reverse voltage
*2 RMS voltage
*3 Continuous reverse voltage
*4 Maximum forward voltage
Silicon epitaxial planer type
Formosa MS
Low VF Chip Schottky Barrier Diodes
0.161(4.1)
0.146(3.7)
0.012(0.3) Typ.
0.071(1.8)
0.055(1.4)
0.126(3.2)
0.110(2.8)
0.063(1.6)
0.055(1.4)
0.035(0.9) Typ.
0.035(0.9) Typ.
Dimensions in inches and (millimeters)
SOD-123
Features
Plastic package has Underwriters Laboratory
Flammability Classification 94V-O Utilizing Flame
Retardant Epoxy Molding Compound.
For surface mounted applications.
Exceeds environmental standards of MIL-S-19500 /
228
Low leakage current.
Mechanical data
Case : Molded plastic, JEDECSOD123 / MINI SMA
Terminals : Solder plated, solderable per MIL-STD-750,
Method 2026
Polarity : Indicated by c athode band
Mounting Position : Any
Weight : 0.04 gram


Similar Part No. - SL22-M

ManufacturerPart #DatasheetDescription
logo
WILLAS ELECTRONIC CORP
SL22-M WILLAS-SL22-M Datasheet
303Kb / 4P
2.0A LOW VF SCHOTTKY BARRIER RECTIFIERS-20V-40V SOD-123-L PACKAGE
logo
Formosa MS
SL22-MH FORMOSA-SL22-MH Datasheet
78Kb / 2P
Low VF Chip Schottky Barrier Diodes - Silicon epitaxial planer type
SL22-MH1 FORMOSA-SL22-MH1 Datasheet
61Kb / 7P
Chip Low VF Schottky Barrier Rectifier
SL22-MHT FORMOSA-SL22-MHT Datasheet
57Kb / 7P
Chip Low VF Schottky Barrier Rectifier
SL22-MS FORMOSA-SL22-MS Datasheet
56Kb / 7P
SMD Low VF Schottky Barrier Rectifier
More results

Similar Description - SL22-M

ManufacturerPart #DatasheetDescription
logo
Formosa MS
FM120-L FORMOSA-FM120-L Datasheet
68Kb / 2P
Chip Schottky Barrier Diodes - Silicon epitaxial planer type
SL12-L FORMOSA-SL12-L Datasheet
69Kb / 2P
Low VF Chip Schottky Barrier Diodes - Silicon epitaxial planer type
SL12-MH FORMOSA-SL12-MH Datasheet
66Kb / 2P
Low VF Chip Schottky Barrier Diodes - Silicon epitaxial planer type
SL13-M FORMOSA-SL13-M Datasheet
69Kb / 2P
Low VF Chip Schottky Barrier Diodes - Silicon epitaxial planer type
SL22-L FORMOSA-SL22-L Datasheet
69Kb / 2P
Low VF Chip Schottky Barrier Diodes - Silicon epitaxial planer type
SL22-MH FORMOSA-SL22-MH Datasheet
78Kb / 2P
Low VF Chip Schottky Barrier Diodes - Silicon epitaxial planer type
SL32-A FORMOSA-SL32-A Datasheet
69Kb / 2P
Low VF Chip Schottky Barrier Diodes - Silicon epitaxial planer type
SL32-AL FORMOSA-SL32-AL Datasheet
69Kb / 2P
Low VF Chip Schottky Barrier Diodes - Silicon epitaxial planer type
SUL32-A FORMOSA-SUL32-A Datasheet
76Kb / 2P
Low VF Chip Schottky Barrier Diodes - Silicon epitaxial planer type
SUL32-AL FORMOSA-SUL32-AL Datasheet
68Kb / 2P
Low VF Chip Schottky Barrier Diodes - Silicon epitaxial planer type
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com