Electronic Components Datasheet Search
  English  ▼

X  

SP7683TR Datasheet(PDF) 1 Page - Sipex Corporation

Part # SP7683TR
Description  Four Channel Charge Pump Regulator LED Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP7683TR Datasheet(HTML) 1 Page - Sipex Corporation

  SP7683TR Datasheet HTML 1Page - Sipex Corporation SP7683TR Datasheet HTML 2Page - Sipex Corporation SP7683TR Datasheet HTML 3Page - Sipex Corporation SP7683TR Datasheet HTML 4Page - Sipex Corporation SP7683TR Datasheet HTML 5Page - Sipex Corporation SP7683TR Datasheet HTML 6Page - Sipex Corporation SP7683TR Datasheet HTML 7Page - Sipex Corporation SP7683TR Datasheet HTML 8Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
Date: 12/21/04
SP7683 Four Channel Charge Pump LED Driver
© Copyright 2004 Sipex Corporation
SP7683
FEATURES
■ 2.7V to 5.5V Input Voltage Range
■ Up to 4 LEDS with matching currents
■ LEDs can be Driven from the Charge
Pump Output
■ 1X and 1.5X Mode Charge Pump
■ High Efficiency Operation
■ 1.2 MHz Switching Frequency
■ Programable LED Drive Capabliity
■ PWM Dimming Control
■ Low 0.5µA Shutdown Current
■ Soft-Start Limits Inrush Current
■ Output Overvoltage Protection
■ Thermal Shutdown Protection
■ QFN (4mm x 4mm) package
Four Channel Charge Pump Regulator LED Driver
APPLICATIONS
■ Smart Phones
■ Cell Phones
■ PDA's
■ Digital Cameras
■ MP3 Players
■ Other Portables
The SP7683 is high efficiency Charge Pump which regulates up to four white LEDs with matching
current. Based on the supply headroom available for the four precision current sinks, SP7683
automatically switches between 1X and 1.5X modes. The part powers up in 1X mode, with low
quiescent current of 70uA (typ) and remains in 1X mode as long as the LED current has not
decreased by more than 0.5%. If the current decreases, then it switches into 1.5X mode where
it regulates the lowest of the LED cathode voltages to 0.1V. Other features include soft-start, over
current protection, overvoltage protection and thermal shutdown at 140°C. Offered in 4X4 16 pin
QFN.
®
TYPICAL APPLICATION SCHEMATIC
Now Available in Lead Free Packaging
Advanced
DESCRIPTION
R1
50k - 200k
GND
R3
100k
LED_EN
U1
SP7683
R5
10k
R4
270k
R9
100k
C1
1uF
C5
1uF
C4
1uF
C2
1uF
R2
1M
D1
D2
EN
Vin
D3
D4
C3
0.1uF
R10
100k
®
®
SP7683
1
2
7
4
6
5
3
9
8
12
13
10
11
14
15 16
R
SET
C1P
SP7683
4x4 mm
16 Pin QFN
8
7
6
5
4
3
2
1
FB
On/Off
LED3
LED4
12
11
10
9
16
15
14
13
I
SET
V
MODE
V
IN


Similar Part No. - SP7683TR

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP7680 SIPEX-SP7680 Datasheet
450Kb / 16P
Complete Backlight Solution
SP7680 SIPEX-SP7680 Datasheet
97Kb / 6P
Evaluation Board Manual
SP7680EB SIPEX-SP7680EB Datasheet
450Kb / 16P
Complete Backlight Solution
SP7680EB SIPEX-SP7680EB Datasheet
97Kb / 6P
Evaluation Board Manual
SP7680ER1 SIPEX-SP7680ER1 Datasheet
97Kb / 6P
Evaluation Board Manual
More results

Similar Description - SP7683TR

ManufacturerPart #DatasheetDescription
logo
Advanced Analog Technol...
AAT3103 AAT-AAT3103 Datasheet
1Mb / 17P
3-Channel Charge-Pump LED Driver
3103.2008.03.1.0
logo
Advanced Analogic Techn...
AAT3192 ANALOGICTECH-AAT3192_08 Datasheet
577Kb / 18P
2-Channel Charge-Pump LED Driver
AAT3193 ANALOGICTECH-AAT3193 Datasheet
393Kb / 18P
3-Channel Charge-Pump LED Driver
logo
Advanced Analog Technol...
AAT3195 AAT-AAT3195 Datasheet
1Mb / 16P
4-Channel Charge-Pump LED Driver
2008.09.1.0
logo
SG Micro Corp
SGM3140 SGMICRO-SGM3140 Datasheet
918Kb / 14P
Charge Pump LED Driver
SGM3140B SGMICRO-SGM3140B Datasheet
431Kb / 14P
Charge Pump LED Driver
SGM3141 SGMICRO-SGM3141 Datasheet
385Kb / 14P
Charge Pump LED Driver
SGM3141B SGMICRO-SGM3141B Datasheet
398Kb / 14P
Charge Pump LED Driver
logo
ELM Technology Corporat...
ELM901FXA ELM-TECH-ELM901FXA Datasheet
1Mb / 11P
Charge Pump LED Driver
logo
Lowpower Semiconductor ...
LP3368 POWER-LP3368 Datasheet
1Mb / 8P
Dual Channel Charge Pump LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com