Electronic Components Datasheet Search
  English  ▼

X  

STTH40P03S Datasheet(PDF) 7 Page - STMicroelectronics

Part # STTH40P03S
Description  ULTRAFAST RECTIFIER PDP ENERGY RECOVERY
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH40P03S Datasheet(HTML) 7 Page - STMicroelectronics

  STTH40P03S Datasheet HTML 1Page - STMicroelectronics STTH40P03S Datasheet HTML 2Page - STMicroelectronics STTH40P03S Datasheet HTML 3Page - STMicroelectronics STTH40P03S Datasheet HTML 4Page - STMicroelectronics STTH40P03S Datasheet HTML 5Page - STMicroelectronics STTH40P03S Datasheet HTML 6Page - STMicroelectronics STTH40P03S Datasheet HTML 7Page - STMicroelectronics STTH40P03S Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
STTH40P03S
7/8
Figure 14: TO-220AB Package Mechanical Data
A
C
D
L7
Dia
L5
L6
L9
L4
F
H2
G
G1
L2
F2
F1
E
M
Table 7: Ordering Information
Epoxy meets UL94, V0
Cooling method: by conduction (C)
Recommended torque value: 0.55 m.N.
Maximum torque value: 0.70 m.N.
Ordering type
Marking
Package
Weight
Base qty
Delivery mode
STTH40P03ST
STTH40P03S
TO-220AB
2.23 g
50
Tube
STTH40P03SFP
STTH40P03S
TO-220FPAB
2.0 g
50
Tube
STTH40P03SW
STTH40P03S
TO-247
4.36 g
30
Tube
Table 8: Revision History
Date
Revision
Description of Changes
06-Jul-2005
1
First issue.
REF.
DIMENSIONS
Millimeters
Inches
Min.
Max.
Min.
Max.
A
4.40
4.60
0.173
0.181
C
1.23
1.32
0.048
0.051
D
2.40
2.72
0.094
0.107
E
0.49
0.70
0.019
0.027
F
0.61
0.88
0.024
0.034
F1
1.14
1.70
0.044
0.066
F2
1.14
1.70
0.044
0.066
G
4.95
5.15
0.194
0.202
G1
2.40
2.70
0.094
0.106
H2
10
10.40
0.393
0.409
L2
16.4 typ.
0.645 typ.
L4
13
14
0.511
0.551
L5
2.65
2.95
0.104
0.116
L6
15.25
15.75
0.600
0.620
L7
6.20
6.60
0.244
0.259
L9
3.50
3.93
0.137
0.154
M
2.6 typ.
0.102 typ.
Diam.
3.75
3.85
0.147
0.151



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com