Electronic Components Datasheet Search
  English  ▼

X  

M61301SP Datasheet(PDF) 1 Page - Mitsubishi Electric Semiconductor

Part # M61301SP
Description  BUS CONTROLLED 3CH VIDEO PRE-AMP FOR CRT DISPLAY MONITOR
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M61301SP Datasheet(HTML) 1 Page - Mitsubishi Electric Semiconductor

  M61301SP Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M61301SP Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M61301SP Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M61301SP Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M61301SP Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M61301SP Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M61301SP Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M61301SP Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M61301SP Datasheet HTML 9Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
MITSUBISHI< LINEAR IC >
M61301SP
MITSUBISHI
BUS CONTROLLED 3CH VIDEO PRE-AMP FOR CRT DISPLAY MONITOR
25
1
DISCRIPTION
M61301SP is Semiconductor Integrated Circuit
for CRT Display Monitor.
It includes OSD Blanking,OSD Mixing,Retrace
Blanking,Wide Band Amplifre,Brightness Control.
Main/Sub Contrast and OSD AdjustFunction can be
controlled by I2C Bus.
Frequency Band Width: RGB 150 MHz (at -3dB)
OSD 80 MHz
Input
: RGB
0.7 Vp-p (Typ)
OSD light
4 Vp-p minimum (positive)
OSD harf
2.5Vp-p minimum (positive)
3.0Vp-p maximum (positive)
BLK(for OSD)
3 Vp-p minimum (positive)
Retrace BLK
3 Vp-p minimum (positive)
Output : RGB
5.5 Vp-p (maximum)
OSD
5 Vp-p (maximum)
Main Contrast and Sub Contrast can be controlled by I2C
Bus.
Video response can be controlled by I2C Bus.
STRUCTURE
Bipola Silicon Monolisic IC
APPLICATION
CRT Display Monitor
RECOMMENDED OPERATING CONDITIONS
Supply Voltage Range
11.5V~12.5V(V7,V12,V25,V29,V32)
4.5V~4.4V(V17)
Rated Supply Voltage
12.0V(V7,V12,V25,V29,V32)
5.0V(V17)
MAJOR SPECIFICATION
Bus Controlled 3ch Video Pre-Amp with OSD Mixing Function and Video Response Function.
FEATURES
PIN CONFIGURATION
Outside Package: 32P4B
Brightness
1
32
2
31
3
30
4
29
5
28
6
27
7
26
8
25
9
24
10
23
11
22
12
21
13
20
14
19
15
18
VCC 12V
INPUT (R)
INPUT (G)
INPUT (B)
GND
OSD BLK IN
OSD IN (R)
OSD IN (G)
OSD IN (B)
OUTPUT(R)
GND(R)
OUTPUT(B)
GND(B)
OUTPUT(G)
GND(G)
Retrace BLK IN
SDA
ABL IN
SCL
Clamp Pulse IN
GND
VCC 12V (G)
VCC 12V (B)
VCC 12V (R)
GND
VCC 5V
VCC 12V
INPUT(SOG)
SOG Sep OUT
16
17
NC
GND
32 pin plastic SDIP


Similar Part No. - M61301SP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M61303FP MITSUBISHI-M61303FP Datasheet
1Mb / 22P
IIC BUS controled 3channel video pre-amplifier for LCD display monitor
logo
Renesas Technology Corp
M61303FP RENESAS-M61303FP Datasheet
232Kb / 25P
I2C BUS Controlled 3channel Video Pre-amplifier for LCD Display Monitor
More results

Similar Description - M61301SP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M52742ASP MITSUBISHI-M52742ASP Datasheet
401Kb / 21P
BUS CONTROLLED 3-CHANNEL VIDEO PREAMP FOR CRT DISPLAY MONITOR
M52742SP MITSUBISHI-M52742SP Datasheet
143Kb / 21P
BUS CONTROLLED 3-CHANNEL VIDEO PREAMP FOR CRT DISPLAY MONITOR
M52745SP MITSUBISHI-M52745SP Datasheet
386Kb / 21P
BUS CONTROLLED 3-CHANNEL VIDEO PREAMP FOR CRT DISPLAY MONITOR
M52746SP MITSUBISHI-M52746SP Datasheet
281Kb / 25P
BUS CONTROLLED 3CH VIDEO PRE-AMP FOR CRT DISPLAY MONITOR
M52749FP MITSUBISHI-M52749FP Datasheet
185Kb / 25P
BUS CONTROLLED 3CH VIDEO PRE-AMP FOR CRT DISPLAY MONITOR
M52780-XXXSP MITSUBISHI-M52780-XXXSP Datasheet
269Kb / 38P
I2C BUS CONTROLLED 3CH VIDEO PRE-AMP WITH OSD CONTROLLER FOR HIGH RESOLUTION COLOR DISPLAY MONITOR
logo
Renesas Technology Corp
M52742ASP RENESAS-M52742ASP Datasheet
377Kb / 27P
BUS Controlled 3-Channel Video Preamp for CRT Display Monitor
M52749FP RENESAS-M52749FP Datasheet
328Kb / 27P
BUS Controlled 3ch Video Pre-amp for CRT Display Monitor
M61303FP RENESAS-M61303FP Datasheet
232Kb / 25P
I2C BUS Controlled 3channel Video Pre-amplifier for LCD Display Monitor
M61314SP RENESAS-M61314SP Datasheet
213Kb / 10P
I2C BUS Controlled Video Pre-amp for High Resolution Color Display
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com