Electronic Components Datasheet Search
  English  ▼

X  

UFF200-005 Datasheet(PDF) 2 Page - Formosa MS

Part # UFF200-005
Description  20A ULTRA FAST RECOVERY RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

UFF200-005 Datasheet(HTML) 2 Page - Formosa MS

  UFF200-005 Datasheet HTML 1Page - Formosa MS UFF200-005 Datasheet HTML 2Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATINGS AND CHARACTERISTIC CURVE UFF200-005 THRU UFF200-06
FIG. 1 -TEST CIRCUIT DIAGRAM AND REVERSE
RECOVERY TIME CHARACTERISTIC
PULSE
GENERATOR
( NOTE 2 )
(+)
25 Vdc
(approx)
(-)
D.U.T.
1Ω
NON
INDUCTIVE
OSCILLOSCOPE
( NOTE 1 )
50Ω
NONINDUCTIVE
10Ω
NONINDUCTIVE
(-)
(+)
+0.5A
0
-0.25A
-1.0A
Trr
1cm
SET TIME BASE
FOR 10/20 ns/cm
NOTE: 1. RISETIME=7ns MAX. INPUT
IMPEDANCE=1 MEGOHM 22PF
2. RISE TIME =10 ns MAX. SOURCE
IMPEDENCE=50 OHMS
FIG. 4 -TYPICAL REVERSE CHARACTERISTICS
20
40
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
1000
100
10
1
0.1
TJ=25
oC
TJ=80
oC
TJ=125
oC
FIG. 3 -TYPICAL INSTANTANEOUS
FORWARD CHARACTERISTICS
FIG. 5 -TYPICAL JUNCTION CAPACITANCE
.1
.2
.4
1.0
2
4
10
20
40
100
REVERSE VOLTAGE (V)
200
100
40
20
10
6
4
2
1
TJ=25
oC
0
.2
.4
.6
.8
1.0 1.2
1.4 1.6
1.8
INSTANTANTANEOUS FORWARD VOLTAGE (V)
UFF200-03~06
100
10
1.0
.1
.01
UFF200-005~02
20
16
12
8
4
0
25
50
75
100
125
150
175
CASE TEMPERATURE (
oC)
FIG. 2 -TYPICAL FORWARD
CURRENT DERATING CURVE
Single Phase Half Wave 60Hz
Resistive or Inductive Load



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com