Electronic Components Datasheet Search
  English  ▼

X  

HER1607FCT Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # HER1607FCT
Description  Ultrafast Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

HER1607FCT Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  HER1607FCT Datasheet HTML 1Page - Inchange Semiconductor Company Limited HER1607FCT Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
isc website:www.iscsemi.com
isc & iscsemi is registered trademark
1
Ultrafast Rectifier
HER1607FCT
FEATURES
·
Ultrafast with soft recovery
·
Fast switching for high efficiency
·
High current capability
·
Low forward voltage drop
·
Minimum Lot-to-Lot variations for robust device
performance and reliable operation
APPLICATIONS
·
Switching power supply
·
Power switching circuits
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VRRM
VRWM
VR
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
800
V
IF(AV)
Average Rectified Forward Current Per Leg
Total device
8
16
A
IFSM
Nonrepetitive Peak Surge Current
(Surge applied at rated load conditions half-
wave, single phase, 60Hz)
120
A
PD
Maximum power dissipation
75
W
TJ
Junction Temperature
-55~150
℃
Tstg
Storage Temperature Range
-55~150
℃


Similar Part No. - HER1607FCT

ManufacturerPart #DatasheetDescription
logo
MIC GROUP RECTIFIERS
HER1607 MIC-HER1607 Datasheet
59Kb / 2P
HIGH EFFICIENCY GLASS PASSIVATED RECTIFIER
logo
Nantong Hornby Electron...
HER1607 HORNBY-HER1607 Datasheet
299Kb / 3P
GLASS PASSIVATED HIGH EFFICENCY RECTIFIER
logo
Thinki Semiconductor Co...
HER1607A THINKISEMI-HER1607A Datasheet
643Kb / 2P
16Ampere Heat Sink Dual Common Anode High Efficiency Rectifiers
logo
MIC GROUP RECTIFIERS
HER1607C MIC-HER1607C Datasheet
58Kb / 2P
HIGH EFFICIENCY GLASS PASSIVATED RECTIFIER
logo
Thinki Semiconductor Co...
HER1607C THINKISEMI-HER1607C Datasheet
642Kb / 2P
16Ampere Heat Sink Dual Common Cathode High Efficiency Rectifiers
More results

Similar Description - HER1607FCT

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
MSARW80G20A MICROSEMI-MSARW80G20A Datasheet
68Kb / 2P
ULTRAFAST RECTIFIER
logo
International Rectifier
30EPH03 IRF-30EPH03 Datasheet
175Kb / 7P
Ultrafast Rectifier
70CRU04 IRF-70CRU04 Datasheet
111Kb / 6P
Ultrafast Rectifier
logo
Microsemi Corporation
1N6705 MICROSEMI-1N6705 Datasheet
57Kb / 2P
ULTRAFAST RECTIFIER
logo
Inchange Semiconductor ...
YG975C6R ISC-YG975C6R Datasheet
304Kb / 2P
Ultrafast Rectifier
YG985C4R ISC-YG985C4R Datasheet
304Kb / 2P
Ultrafast Rectifier
DPG60I300HA ISC-DPG60I300HA Datasheet
274Kb / 1P
Ultrafast Rectifier
BY239-800 ISC-BY239-800 Datasheet
305Kb / 2P
Ultrafast Rectifier
MUR3040FCT ISC-MUR3040FCT Datasheet
276Kb / 2P
Ultrafast Rectifier
FDRW35S60L ISC-FDRW35S60L Datasheet
216Kb / 1P
Ultrafast Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com