Electronic Components Datasheet Search
  English  ▼

X  

2SJ633 Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # 2SJ633
Description  2SJ633
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SJ633 Datasheet(HTML) 3 Page - Sanyo Semicon Device

  2SJ633 Datasheet HTML 1Page - Sanyo Semicon Device 2SJ633 Datasheet HTML 2Page - Sanyo Semicon Device 2SJ633 Datasheet HTML 3Page - Sanyo Semicon Device 2SJ633 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2SJ633
No.7421-3/4
IT05826
ダイオード順電圧, VSD -- V
IF -- VSD
--0.6
--0.8
--0.4
--1.0
--1.2
--0.2
--0.01
--0.1
2
5
--1.0
--10
3
7
2
5
3
2
3
7
5
7
2
10
--1.0
5
23
23
5
7
3
5
2
7
3
5
7
3
2
100
ドレイン電流, ID -- A
SW Time -- ID
IT05816
--0.1
A S O
ドレイン・ソース電圧, VDS -- V
2
3
5
7
2
2
3
5
7
3
--10
--1.0
--0.1
--0.1
23
5 7
23
5 7
7
25
--100
--1.0
--10
3
IT05828
Tc=25°C
1パルス
Operation in this area
is limited by RDS(on).
0
100
5
7
2
3
5
7
2
1000
3
10
--30
--10
--15
--20
--25
--5
ドレイン・ソース電圧, VDS -- V
Ciss, Coss, Crss -- VDS
IT05817
Ciss
Coss
Crss
f=1MHz
--10
--4
--3
--2
--1
--8
--9
--7
--6
--5
0
0
123456789
10
VGS -- Qg
総ゲート電荷量, Qg --
nC
IT05827
ドレイン電流, ID -- A
IT05825
yfs -- ID
--0.01
23
23
7
57
5
7
5
--1.0
--0.1
2
--10
5
7
5
7
3
2
2
1.0
0.1
10
3
75
°C
3
VDS= --10V
VGS=0
Tc=
--25
°C
25
°C
VDD= --30V
VGS= --10V
VDS= --30V
ID= --4A
td(on)
td(off)
t r
tf
ID= --4A
IDP= --16A
≦10µs
100
µs
10ms
1ms
DC
operation
0--2
--4--6
700
750
800
100
150
200
250
300
350
400
450
500
550
600
650
--8
--20
--10
--12
--14
--16
--18
ゲート・ソース電圧, VGS -- V
RDS(on) -- VGS
IT05823
Tc=25°C
ID= --2A
300
350
400
450
500
550
600
650
700
750
800
0
150
200
50
100
250
ケース温度, Tc -- °C
RDS(on) -- Tc
IT05824
--60
--20
--40
20
040
60
80
100
120
140
ID=
--2A,
VGS
= --10V
I D
= --2
A, V
GS
= --4V



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com