Electronic Components Datasheet Search
  English  ▼

X  

188166 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 188166
Description  Short-stroke cylinder
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

188166 Datasheet(HTML) 1 Page - Festo Corporation.

  188166 Datasheet HTML 1Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Short-stroke cylinder
AEVC-25-5-A-P-A
Part number: 188166
Data sheet
Feature
Value
Stroke
5 mm
Piston diameter
25 mm
Spring resetting force with piston rod in retracted position
15 N
Type code
AEVC
Cushioning
Elastic cushioning rings/pads at both ends
Mounting position
Any
Mode of operation
Single-acting
Pushing
Design
Piston rod
Piston
Position sensing
For proximity sensor
Symbol
00991729
Operating pressure
1.5 bar ... 10 bar
Operating medium
Compressed air as per ISO 8573-1:2010 [7:4:4]
Information on operating and pilot media
Operation with oil lubrication possible (required for further use)
Corrosion resistance class (CRC)
1 - Low corrosion stress
Ambient temperature
-20 °C ... 80 °C
Theoretical force at 6 bar, advancing
272 N
Moving mass
32 g
Product weight
195 g
Type of mounting
With through-hole
With accessories
Optionally:
Pneumatic connection
M5
Note on materials
Free of copper and PTFE
Cover material
Anodized
Wrought aluminum alloy
Seals material
TPE-U(PU)
Housing material
Wrought aluminum alloy
Anodized
Piston rod material
High-alloy steel
7/5/20 - Subject to change - Festo AG & Co. KG
1/1


Similar Part No. - 188166

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
188160 FESTO-188160 Datasheet
91Kb / 1P
Short-stroke cylinder
logo
PHOENIX CONTACT
1881600 PHOENIX-1881600 Datasheet
163Kb / 5P
FK-MC 0,5/ 7-ST-2,5
1881600 PHOENIX-1881600 Datasheet
82Kb / 5P
Base strip - MCV 0.5/ 7-G-2.5
logo
Festo Corporation.
188161 FESTO-188161 Datasheet
92Kb / 1P
Short-stroke cylinder
logo
PHOENIX CONTACT
1881613 PHOENIX-1881613 Datasheet
163Kb / 5P
FK-MC 0,5/ 8-ST-2,5
More results

Similar Description - 188166

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
ADVC-10-5-P-A FESTO-ADVC-10-5-P-A Datasheet
94Kb / 1P
Short-stroke cylinder
ADVC-10-10-P-A FESTO-ADVC-10-10-P-A Datasheet
93Kb / 1P
Short-stroke cylinder
ADVC-12-5-A-P-A FESTO-ADVC-12-5-A-P-A Datasheet
93Kb / 1P
Short-stroke cylinder
ADVC-12-5-P FESTO-ADVC-12-5-P Datasheet
89Kb / 1P
Short-stroke cylinder
ADVC-12-5-P-A FESTO-ADVC-12-5-P-A Datasheet
92Kb / 1P
Short-stroke cylinder
ADVC-12-10-A-P-A FESTO-ADVC-12-10-A-P-A Datasheet
93Kb / 1P
Short-stroke cylinder
ADVC-16-10-A-P-A FESTO-ADVC-16-10-A-P-A Datasheet
91Kb / 1P
Short-stroke cylinder
ADVC-16-15-I-P-A FESTO-ADVC-16-15-I-P-A Datasheet
90Kb / 1P
Short-stroke cylinder
ADVC-16-25-I-P-A FESTO-ADVC-16-25-I-P-A Datasheet
91Kb / 1P
Short-stroke cylinder
ADVC-100-10-I-P FESTO-ADVC-100-10-I-P Datasheet
86Kb / 1P
Short-stroke cylinder
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com