Electronic Components Datasheet Search
  English  ▼

X  

Z280 Datasheet(PDF) 1 Page - Formosa MS

Part # Z280
Description  1WATT ZENER DIODE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

Z280 Datasheet(HTML) 1 Page - Formosa MS

  Z280 Datasheet HTML 1Page - Formosa MS Z280 Datasheet HTML 2Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1WATT ZENER DIODE
FEATURES
! PLASTIC PACKAGE HAS UNDERWRITERS LABORATORY
FLAMMABILITY CLASSIFICATION 94V-0
! LOW ZENER IMPEDANCE
! EXCELLENT CLAMPING CAPABILITY
MECHANICAL DATA
! CASE︰MOLDED PLASTIC
! TERMINALS:AXIAL LEADS,SOLDERABLE PER
MIL-STD-202, METHOD 208
! POLARITY:COLOR BAND DENOTES CATHODE
CASE-DO41
! MOUNTING POSITION:ANY
! WEIGHT:0.34 GRAM
DIMENSIONS IN INCHES AND (MILLIMETERS)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
RATINGS AT 25
°C AMBIENT TEMPERATURE UNLESS OTHERWISE SPECIFIED
STORAGE AND OPERATING TEMPERATURE RANGE -55 TO + 150℃
ELECTRICAL CHARACTERISTICS (TA=25℃UNLESS OTHERWISE NOTED) VF=1.2V MAX, IF = 200mA FOR ALL TYPES
ZENER
BREAKDOWN
VOLTAGE
DYNAMIC IMPEDANCES
@
25℃TA
MAXIMUM REVERSE
CURRENT
@ MEASUREMENT
VOLTAGE AND 25℃TA
MAXIMUM FORWARD
VOLTAGE
@25℃TA
@IF=1.0A
VZ
IZT
ZZT
IZK
ZZK
VR
IR
VF
TYPE
V
mAohmsmAohms
V
µA
V
Z110
Z115
Z120
Z130
Z140
Z150
Z160
Z170
Z180
Z190
Z200
Z210
Z220
Z230
Z240
Z250
Z260
Z270
Z280
Z290
Z300
Z310
Z320
Z330
110
115
120
130
140
150
160
170
180
190
200
210
220
230
240
250
260
270
280
290
300
310
320
330
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
750
750
850
1000
1200
1300
1500
2200
2200
2500
2500
5000
5000
5000
5000
5000
5000
5000
5000
5000
5000
5000
5000
5000
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
5000
5000
5000
5000
5000
5000
5000
5000
5000
5000
8000
9000
9000
9000
9000
9000
9000
9000
9000
9000
9000
9500
9500
9500
80
85
90
95
105
110
120
130
140
150
165
165
170
175
180
190
195
200
210
215
220
225
233
240
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
NOTE︰STANDARD± 20%, SUFFIX〝A〞± 10%,SUFFIX〝B〞± 5%
Z110
THRU
Z330
.205(5.2)
.166(4.2)
1.0(25.4)
MIN
.034(0.9)
.028(0.7)
1.0(25.4)
MIN
.107(2.7)
.080(2.0)
Formosa MS


Similar Part No. - Z280

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
Z280 NJSEMI-Z280 Datasheet
94Kb / 1P
PLASTIC PACKAGE HAS UNDERWRITERS LABORATORY FLAMMAHILITY CLASSIFICATION 94V-0
logo
International Rectifier
Z2801R5 IRF-Z2801R5 Datasheet
64Kb / 7P
LOW VOLTAGE HIGH EFFICIENCY RADIATION HARDENED DC/DC CONVERTER
Z2801R5S IRF-Z2801R5S Datasheet
64Kb / 7P
LOW VOLTAGE HIGH EFFICIENCY RADIATION HARDENED DC/DC CONVERTER
Z2801R5S IRF-Z2801R5S Datasheet
78Kb / 7P
28V Input, Single Output
Z2801R5S/EM IRF-Z2801R5S/EM Datasheet
64Kb / 7P
LOW VOLTAGE HIGH EFFICIENCY RADIATION HARDENED DC/DC CONVERTER
More results

Similar Description - Z280

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
1EZ110D5 JGD-1EZ110D5 Datasheet
109Kb / 2P
1WATT SILICON ZENER DIODE
logo
Formosa MS
ZS100L FORMOSA-ZS100L Datasheet
204Kb / 2P
1WATT SURFACE MOUNT ZENER DIODE
logo
Frontier Electronics.
1N4736A FRONTIER-1N4736A Datasheet
127Kb / 2P
1WATT ZENER DIODE
DL4728A FRONTIER-DL4728A Datasheet
128Kb / 2P
1WATT MELF ZENER DIODE
DL4728A-LFR FRONTIER-DL4728A-LFR Datasheet
129Kb / 2P
1WATT MELF ZENER DIODE
ZS110-LFR FRONTIER-ZS110-LFR Datasheet
121Kb / 2P
1WATT SURFACE MOUNT ZENER DIODE
ZSL10-200B FRONTIER-ZSL10-200B Datasheet
119Kb / 2P
1WATT ZENER DIODE
ZUL10-200B FRONTIER-ZUL10-200B Datasheet
119Kb / 2P
1WATT ZENER DIODE
ZUL10-400B FRONTIER-ZUL10-400B Datasheet
119Kb / 2P
1WATT ZENER DIODE
logo
SHENZHEN YONGERJIA INDU...
ZS4728A WINNERJOIN-ZS4728A Datasheet
110Kb / 2P
1WATT MELF ZENER DIODE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com