Electronic Components Datasheet Search
  English  ▼

X  

Z330 Datasheet(PDF) 2 Page - Formosa MS

Part # Z330
Description  1WATT ZENER DIODE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

Z330 Datasheet(HTML) 2 Page - Formosa MS

  Z330 Datasheet HTML 1Page - Formosa MS Z330 Datasheet HTML 2Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATING AND CHARACTERISTIC CURVES Z110 THRU Z330
FIG. 1 - MAXIMUM CONTINUOUS POWER DISSIPARION
1
0
25
50
75
100
125
150
175
LEAD TEMPERATURE, ℃
℃
℃
℃
FIG. 3 - TYPICAL INSTANTANEOUS
FORWARD CHARCTERISTICS
10
1.0
0.1
.01
.4
.6
.8
1.0
1.2
1.4
1.6
INSTANTANEOUS
FORWARD VOLTAGE, VOLTS
FIG. 5 - TYPICAL TEMPERATURE COEFFICIENTS
1000
500
200
100
50
20
10
10
20
50
100
200
400
1000
VZ ZENER VOLTAGE @
@
@
@IZT(VOLTS)
SINGLE PHASE
HALF WAVF
60HZ
RESISTIVE OR
INDUCTIVE LOAD
0.375”(9.5mm) LEAD LENGTHS
TJ=25℃
PULSE WIDTH=300us
1% DUTY CYCLE
FIG. 2 - ZENER VOLTAGE VERSUS ZENER CURRENT
10
5
2
1
0.5
0.2
0.1
100
150
200
250
300
350
400
450
VZ, ZENER VOLTAGE (VOLTS)
FIG. 4 - TYPICAL REVERSE CHARACTERISTICS
10
4
1.0
.4
0.1
.04
.01
0
20
40
60
80
100
120
140
PERCENT OF RATED ZENER VOLTAGE
TJ=25℃



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com