Electronic Components Datasheet Search
  English  ▼

X  

DFP14 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # DFP14
Description  Thick Film Resistor Networks Flat Pack, 11, 12 Schematics
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DFP14 Datasheet(HTML) 2 Page - Vishay Siliconix

  DFP14 Datasheet HTML 1Page - Vishay Siliconix DFP14 Datasheet HTML 2Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Thick Film Resistor, Networks, Flat Pack
Document Number: 31513
For technical questions contact: ff2aresistors@vishay.com
www.vishay.com
Revision: 08-Sep-04
41
DFP
Vishay Dale
DIMENSIONS in inches [millimeters]
Pin #1
0.050
[1.27]
Typ.
0.019
± 0.006
[0.48
± 0.15]
0.265 [6.73] Max.
0.365 [9.27] Min.
0.385 [9.78] Max.
0.250 [6.35]
Min.
0.250 [6.35]
Min.
0.065
[1.65]
Max.
0.825 [20.96]
Max.
0.005 + 0.004
- 0.002
[0.127 + 0.102
- 0.051]
GLOBAL MODEL
DIMENSION A
DFP14
0.037 ± 0.010 [0.94 ± 0.25]
DFP16
0.012 ± 0.010 [0.30 ± 0.25]
TECHNICAL SPECIFICATIONS
PARAMETER
UNIT
DFP14 / 16
Isolation Resistance 11 Schematic
M
W
> 100
Voltage Coefficient of Resistance:
ppm/V
< 50 typical
Maximum Operating Voltage:
VDC
75
Operating Temperature Range:
°C
- 55 to + 125
Storage Temperature Range:
°C
- 55 to + 150
MECHANICAL SPECIFICATIONS
Marking:
Model number, schematic number, value
tolerance, pin 1 indicator, date code.
Marking Resistance
to Solvents:
Permanency testing per MIL-STD-202
Method 215.
Solderability:
Per MIL-STD-202, Method 208E.
Terminals:
Per MIL-STD-1276 DFPxx11, DFPxx12 =
Type G (hot solder dipped). Hot solder
dipped leads supplied as standard finish.
Body:
Epoxy filled ceramic sandwich
PERFORMANCE
TEST
CONDITIONS
MAX.
DDDDR (Typical Test Lots)
Power Conditioning
1.5 x rated power, applied 1.5 hours “ON” and 0.5 hour “OFF”
for 100 hours ± 4 hours at + 25°C ambient temperature
± 0.50%
DR
Thermal Shock
5 cycles between - 65°C and + 125°C
± 0.50%
DR
Short Time Overload
2.5 x rated working voltage, 5 seconds
± 0.25%
DR
Low Temperature Operation
45 minutes at full rated working voltage at - 65°C
± 0.25%
DR
Moisture Resistance
240 hours with humidity ranging from 80% RH to 98% RH
± 0.50%
DR
Resistance to Soldering Heat
Leads immersed in + 260°
DC solder to within 1/16" of body for 10 seconds
± 0.25%
DR
Shock
Total of 18 shocks at 100 G's
± 0.25%
DR
Vibration
12 hours at maximum of 20 G's between 10 and 2,000 Hz
± 0.25%
DR
Load Life
1000 hours at + 70°C, rated power applied 1.5 hours “ON”, 0.5 hour “OFF”
for full 1000 hour period. Derated according to the curve.
± 0.50%
DR
Terminal Strength
1.5 pound pull for 30 seconds
± 0.25%
DR
Insulation Resistance
10,000 Megohm (minimum)
-
Dielectric Withstanding Voltage
No evidence of arcing or damage (200 V RMS for 1 minute)
-
11 Schematic
Derating
- 55
+ 25
+ 70
+ 125 + 150
0.65
0.50
0.25
Ambient Temperature
∞C
Package
Single Resistor
12 Schematic
- 55
+ 25
+ 70
+ 125 + 150
0.65
0.50
0.15
Package
Single Resistor
Derating
Ambient Temperature
∞C



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com