Electronic Components Datasheet Search
  English  ▼

X  

TH7834C Datasheet(PDF) 2 Page - ATMEL Corporation

Part # TH7834C
Description  Very Highresolution Linear CCD Image Sensor (12000 Pixels)
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TH7834C Datasheet(HTML) 2 Page - ATMEL Corporation

  TH7834C Datasheet HTML 1Page - ATMEL Corporation TH7834C Datasheet HTML 2Page - ATMEL Corporation TH7834C Datasheet HTML 3Page - ATMEL Corporation TH7834C Datasheet HTML 4Page - ATMEL Corporation TH7834C Datasheet HTML 5Page - ATMEL Corporation TH7834C Datasheet HTML 6Page - ATMEL Corporation TH7834C Datasheet HTML 7Page - ATMEL Corporation TH7834C Datasheet HTML 8Page - ATMEL Corporation TH7834C Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
2
TH7834C
1997A–IMAGE–05/02
Pin Description
Pin Number
Symbol
Designation
1VOS1
Output 1 (Odd Pixels)
2V
DR1
Reset DC Bias (Output 1)
3V
S1
Amplifier Source Bias (Output 1)
4
Φ
R1-2
Reset Clock (Outputs 1 and 2)
5, 9, 14, 15, 20, 24, 33,
37, 42, 43, 48, 52
V
SS
Substrate Bias (Ground)
6, 34
VST
Pixel Storage Gate DC Bias
7
Φ
A1-2
Antiblooming and/or Exposure Time Control
8V
GS1-2
Output Gate DC Bias
10
Φ
3A
Register Main Transport Clock
11
Φ
1A
Register Main Transport Clock
12
Φ
4A
Register Main Transport Clock
13
Φ
2A
Register Main Transport Clock
16
Φ
2C
Register Main Transport Clock
17
Φ
4C
Register Main Transport Clock
18
Φ
1C
Register Main Transport Clock
19
Φ
3C
Register Main Transport Clock
21
Φ
P3-4
Transfer Clock
22
VA
3-4
Antiblooming Diode Bias
23
Φ
LS3-4
Register End Transport Clock
25
V
DD3-4
Amplifier Drain Supplies (Outputs 3, 4)
26
V
S3
Amplifier Source Bias (Output 3)
27
VDR3
Reset DC Bias (Output 3)
28
V
OS3
Output 3 (Odd Pixels)
29
V
OS4
Output 4 (Even Pixels)
30
VDR4
Reset DC Bias (Output 4)
31
V
S4
Amplifier Source Bias (Output 4)
32
Φ
R3-4
Reset Clock (Outputs 3 and 4)
35
Φ
A3-4
Antiblooming and/or Exposure Time Control
36
V
GS3-4
Output Gate DC Bias
38
Φ
3D
Register Main Transport Clock
39
Φ
1D
Register Main Transport Clock
40
Φ
4D
Register Main Transport Clock
41
Φ
2D
Register Main Transport Clock
44
Φ
2B
Register Main Transport Clock
45
Φ
4B
Register Main Transport Clock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com