Electronic Components Datasheet Search
  English  ▼

X  

TDA7513T Datasheet(PDF) 45 Page - STMicroelectronics

Part # TDA7513T
Description  SINGLE-CHIP FM/AM TUNER WITH STEREO DECODER AND AUDIO PROCESSOR
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7513T Datasheet(HTML) 45 Page - STMicroelectronics

Back Button TDA7513T Datasheet HTML 41Page - STMicroelectronics TDA7513T Datasheet HTML 42Page - STMicroelectronics TDA7513T Datasheet HTML 43Page - STMicroelectronics TDA7513T Datasheet HTML 44Page - STMicroelectronics TDA7513T Datasheet HTML 45Page - STMicroelectronics TDA7513T Datasheet HTML 46Page - STMicroelectronics TDA7513T Datasheet HTML 47Page - STMicroelectronics TDA7513T Datasheet HTML 48Page - STMicroelectronics TDA7513T Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 59 page
background image
45/59
TDA7513T
SUBADDRESS 25: FM NAGC key and AM WAGC
SUBADDRESS 26: AM NAGC key and FM demod ref frequency test
SUBADDRESS 27: ISS tests
00
6dB
01
8dB
1
0
10dB
1
1
not used
MSB
LSB
FUNCTION
D7
D6
D5
D4
D3
D2
D1
D0
FM Narrow ACGC key IF input
00
0
36dB
00
1
42dB
01
0
48dB
01
1
54dB
10
0
60dB
10
1
66dB
11
0
72dB
11
1
keying OFF
AM WAGC starting point @ MIX1IN
00
000
88dB
µV
-
----
-
11
111
106dB
µV
MSB
LSB
FUNCTION
D7
D6
D5
D4
D3
D2
D1
D0
1
1
0
test for FM demod ref freq divider (standard
configuration)
AM WAGC starting point @ MIX2IN
00
000
85dB
µV
-
----
-
11
111
103dB
µV
MSB
LSB
FUNCTION
D7
D6
D5
D4
D3
D2
D1
D0
ISS test multiplexer (1)
00
0000
00
no test
00
0000
01
test MP thresholds
00
0000
10
test ACN thresholds
00
0001
00
test DW thresholds
00
0010
00
test D thresholds
00
0100
00
test ACW thresholds
00
1000
00
test ac
MSB
LSB
FUNCTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com