Electronic Components Datasheet Search
  English  ▼

X  

BGM36070 Datasheet(PDF) 2 Page - Schneider Electric

Part # BGM36070
Description  PowerPact B Circuit Breaker, 70A, 3P, 600Y/347V AC, 18kA at 600Y/347 UL EverLink
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

BGM36070 Datasheet(HTML) 2 Page - Schneider Electric

  BGM36070 Datasheet HTML 1Page - Schneider Electric BGM36070 Datasheet HTML 2Page - Schneider Electric BGM36070 Datasheet HTML 3Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Electrical durability
10000 cycles IEC 947-1 Annex K ed 5.2 440 V In
Connection pitch
1.06 in (27 mm)
Local signalling
Presence of auxiliary contacts flag green)
Mounting mode
Clip-on 35 x 15 mm symmetrical DIN rail)
By screws plate)
Electrical connection
Everlink lug line
Terminal nut load
AWG gauge
AWG 6...AWG 2/0 fine stranded aluminium/copper
AWG 14...AWG 3/0 rigid or stranded aluminium/copper
Tightening torque
44.25 lbf.in (5 N.m) 0.00…0.02 in² (2.5…16 mm²) AWG 14...AWG 4)
79.66 lbf.in (9 N.m) 0.04…0.15 in² (25…95 mm²) AWG 3...AWG 3/0)
Number of slots
1 auxiliary switch OF plug-in)
1 voltage release MN or MX plug-in)
1 alarm switch SD plug-in)
Power wire stripping length
0.79 in (20 mm)
Color
Gray RAL 7016)
9 mm pitches
9
Maximum Height
5.39 in (137 mm)
Maximum Width
3.19 in (81 mm)
Maximum Depth
3.15 in (80 mm)
Net Weight
2.37 lb(US) (1.074 kg)
Quantity per set
Set of 1
Continuous current rating
80 %
Environment
Quality labels
CE
Standards
NEMA AB1
NMX J-266
EN/IEC 60947-2
UL 489
CSA C22.2 No 5
EN/IEC 60947-5-1
GB 14048.2
Product certifications
UL
IEC
CCC
EAC
CSA
NOM
IP degree of protection
Front cover IP40 IEC 60529
IK degree of protection
IK07 IEC 62262
Pollution degree
3 IEC 60947-1
Ambient air temperature for operation
-13…158 °F (-25…70 °C)
Ambient air temperature for storage
-58…185 °F (-50…85 °C)
Operating altitude
< 6561.68 ft (2000 m) without derating
5000 m with derating
Ordering and shipping details
Category
01131 - BG UNIT MOUNT BREAKER/SWITCH
Discount Schedule
DE2
Package weight(Lbs)
2.92 lb(US) (1.32 kg)
Returnability
Yes
Country of origin
US
Offer Sustainability
Sustainable offer status
Green Premium product
REACh Regulation
REACh Declaration
2



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com