Electronic Components Datasheet Search
  English  ▼

X  

GP1603 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # GP1603
Description  16.0 AMPS. Glass Passivated Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

GP1603 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  GP1603 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd GP1603 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
- 558 -
PIN 1
PIN 3
Positive CT
PIN 2
CASE
GP1601 THRU GP1607
16.0 AMPS. Glass Passivated Rectifiers
Voltage Range
50 to 1000 Volts
Current
16.0 Amperes
Features
Low forward voltage drop
High current capability
High reliability
High surge current capability
Mechanical Data
Cases: TO-220 molded plastic
Epoxy: UL 94V-0 rate flame retardant
Terminals: Leads solderable per MIL-STD-
202, Method 208 guaranteed
Polarity: As marked
High temperature soldering guaranteed:
260
℃/10 seconds .16”,(4.06mm) from
case.
Weight: 2.24 grams
TO-220
Dimensions in inches and (millimeters)
Maximum Ratings and Electrical Characteristics
Rating at 25
℃ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Type Number
Symbol
GP
1601
GP
1602
GP
1603
GP
1604
GP
1605
GP
1606
GP
1607
Units
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
400
600
800 1000
V
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800 1000
V
Maximum Average Forward Rectified
Current .375”(9.5mm) Lead Length
@TC = 100
℃
I(AV)
16.0
A
Peak Forward Surge Current, 8.3 ms Single
Half Sine-wave Superimposed on Rated
Load (JEDEC method )
IFSM
150
A
Maximum Instantaneous Forward Voltage
@8.0A
VF
1.1
V
Maximum DC Reverse Current @ TC=25
℃
at Rated DC Blocking Voltage @ TC=125
℃
IR
10
250
uA
uA
Typical Junction Capacitance ( Note 1)
Cj
50
pF
Typical Thermal Resistance (Note 2)
R
θJC
1.5
℃/W
Operating and Storage Temperature Range
TJ ,TSTG
- 65 to + 150
℃
Notes: 1. Measured at 1 MHz and Applied Reverse Voltage of 4.0 Volts D.C.
2. Thermal Resistance from Junction to Case Mounted on Heatsink size 2” x 3” x 0.25”
Al-Plate


Similar Part No. - GP1603

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
GP1603 TSC-GP1603 Datasheet
344Kb / 2P
16.0 AMPS. Glass Passivated Rectifiers
logo
RFE international
GP1603 RFE-GP1603 Datasheet
95Kb / 1P
LEADED (THRU-HOLE) General Purpose & Fast Recovery Rectifiers
logo
Taiwan Semiconductor Co...
GP1603 TSC-GP1603 Datasheet
528Kb / 2P
16.0 AMPS. Glass Passivated Rectifiers
logo
Thinki Semiconductor Co...
GP1603 THINKISEMI-GP1603 Datasheet
307Kb / 2P
16.0 Ampere Dual Common Cathode General Purpose Rectifier Diodes
logo
Taiwan Memory Technolog...
GP1603 TMT-GP1603 Datasheet
210Kb / 4P
16A, 50V - 1000V Glass Passivated Rectifiers
More results

Similar Description - GP1603

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
FRA1601G TSC-FRA1601G Datasheet
54Kb / 2P
16.0 AMPS. Glass Passivated Fast Recovery Rectifiers
GPA1601 TSC-GPA1601 Datasheet
51Kb / 2P
16.0 AMPS. Glass Passivated Rectifiers
GPAF1601 TSC-GPAF1601 Datasheet
75Kb / 2P
Isolation 16.0 AMPS. Glass Passivated Rectifiers
GPF1601 TSC-GPF1601 Datasheet
111Kb / 2P
Isolation 16.0 AMPS. Glass Passivated Rectifiers
SFA1601G TSC-SFA1601G Datasheet
56Kb / 2P
16.0 AMPS. Glass Passivated Super Fast Rectifiers
GP1601 TSC-GP1601_1 Datasheet
344Kb / 2P
16.0 AMPS. Glass Passivated Rectifiers
GPA1601 TSC-GPA1601_1 Datasheet
260Kb / 2P
16.0 AMPS. Glass Passivated Rectifiers
GPA1601 TSC-GPA1601_09 Datasheet
1Mb / 3P
16.0 AMPs. Glass Passivated Rectifiers
GP1601 TSC-GP1601_10 Datasheet
528Kb / 2P
16.0 AMPS. Glass Passivated Rectifiers
GPA1601 TSC-GPA1601_10 Datasheet
569Kb / 2P
16.0 AMPS. Glass Passivated Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com