Electronic Components Datasheet Search
  English  ▼

X  

GPF1602 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # GPF1602
Description  Isolation 16.0 AMPS. Glass Passivated Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

GPF1602 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  GPF1602 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd GPF1602 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
- 560 -
.272(6.9)
.248(6.3)
.543(13.8)
.512(13.2)
.110(2.8)
.098(2.5)
.606(15.5)
.583(14.8)
.112(2.85)
.100(2.55)
.134(3.4)DIA
.113(3.0)DIA
PIN 1
PIN 3
Positive CT
PIN 2
GPF1601 THRU GPF1607
Isolation 16.0 AMPS. Glass Passivated Rectifiers
Voltage Range
50 to 1000 Volts
Current
16.0 Amperes
Features
Low forward voltage drop
High current capability
High reliability
High surge current capability
Mechanical Data
Cases: ITO-220AB molded plastic
Epoxy: UL 94V-0 rate flame retardant
Terminals: Leads solderable per MIL-STD-
202, Method 208 guaranteed
Polarity: As marked
High temperature soldering guaranteed:
260
℃/ 0.25” (6.35mm) from case 10
seconds
Mounting torque: 5 in – 1bs max.
Weight: 2.24 grams
ITO-220AB
Dimensions in inches and (millimeters)
Maximum Ratings and Electrical Characteristics
Rating at 25
℃ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Type Number
Symbol GPF
1601
GPF
1602
GPF
1603
GPF
1604
GPF
1605
GPF
1606
GPF
1607
Units
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
400
600
800 1000
V
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800 1000
V
Maximum Average Forward Rectified
Current .375”(9.5mm) Lead Length
@TC = 100
℃
I(AV)
16.0
A
Peak Forward Surge Current, 8.3 ms Single
Half Sine-wave Superimposed on Rated
Load (JEDEC method )
IFSM
150
A
Maximum Instantaneous Forward Voltage
@8.0A
VF
1.1
V
Maximum DC Reverse Current @ TC=25
℃
at Rated DC Blocking Voltage @ TC=125
℃
IR
10
250
uA
uA
Typical Junction Capacitance ( Note 1)
Cj
50
pF
Typical Thermal Resistance (Note 2)
R
θJC
1.5
℃/W
Operating and Storage Temperature Range
TJ,TSTG
- 65 to + 150
℃
Notes: 1. Measured at 1 MHz and Applied Reverse Voltage of 4.0 Volts D.C.
2. Thermal Resistance from Junction to Case Mounted on Heatsink size 2” x 3” x 0.25”
Al-Plate


Similar Part No. - GPF1602

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
GPF160-005 FRONTIER-GPF160-005 Datasheet
123Kb / 2P
16A GLASS PASSIVATED STANDARD RECTIFIER
GPF160-01 FRONTIER-GPF160-01 Datasheet
123Kb / 2P
16A GLASS PASSIVATED STANDARD RECTIFIER
GPF160-02 FRONTIER-GPF160-02 Datasheet
123Kb / 2P
16A GLASS PASSIVATED STANDARD RECTIFIER
GPF160-04 FRONTIER-GPF160-04 Datasheet
123Kb / 2P
16A GLASS PASSIVATED STANDARD RECTIFIER
GPF160-06 FRONTIER-GPF160-06 Datasheet
123Kb / 2P
16A GLASS PASSIVATED STANDARD RECTIFIER
More results

Similar Description - GPF1602

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
HERF1601G TSC-HERF1601G Datasheet
64Kb / 2P
Isolation 16.0 AMPS. Glass Passivated High Efficient Rectifiers
FRAF1601G TSC-FRAF1601G Datasheet
81Kb / 2P
Isolation 16.0 AMPS. Glass Passivated Fast Recovery Rectifiers
FRF1601G TSC-FRF1601G Datasheet
113Kb / 2P
Isolation 16.0 AMPS. Glass Passivated Fast Recovery Rectifiers
GP1601 TSC-GP1601 Datasheet
91Kb / 2P
16.0 AMPS. Glass Passivated Rectifiers
GPAF1601 TSC-GPAF1601 Datasheet
75Kb / 2P
Isolation 16.0 AMPS. Glass Passivated Rectifiers
HERAF1601G TSC-HERAF1601G Datasheet
83Kb / 2P
Isolation 16.0 AMPS. Glass Passivated High Efficient Rectifiers
SFAF1601G TSC-SFAF1601G Datasheet
83Kb / 2P
Isolation 16.0 AMPS. Glass Passivated Super Fast Rectifiers
SFF1601G TSC-SFF1601G Datasheet
115Kb / 2P
Isolation 16.0 AMPS. Glass Passivated Super Fast Rectifiers
GP1601 TSC-GP1601_1 Datasheet
344Kb / 2P
16.0 AMPS. Glass Passivated Rectifiers
GPA1601 TSC-GPA1601_1 Datasheet
260Kb / 2P
16.0 AMPS. Glass Passivated Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com