Electronic Components Datasheet Search
  English  ▼

X  

HS1A Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # HS1A
Description  1.0 AMP. High Efficient Surface Mount Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

HS1A Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  HS1A Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd HS1A Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
- 300 -
.062(1.58)
.050(1.27)
.012(.31)
.006(.15)
.008(.20)
.004(.10)
.056(1.41)
.035(0.90)
.187(4.75)
.160(4.06)
.210(5.33)
.195(4.95)
.111(2.83)
.090(2.29)
.091(2.30)
.078(1.99)
HS1A THRU HS1M
1.0 AMP. High Efficient Surface Mount Rectifiers
Voltage Range
50 to 1000 Volts
Current
1.0 Ampere
Features
Glass passivated junction chip.
For surface mounted application
Low forward voltage drop
Low profile package
Built-in stain relief, ideal for automatic
placement
Fast switching for high efficiency
High temperature soldering:
260
℃/10 seconds at terminals
Plastic material used carries Underwriters
Laboratory Classification 94V-O
Mechanical Data
Cases: Molded plastic
Terminals: Solder plated
Polarity: Indicated by cathode band
Packing: 12mm tape per E1A STD RS-481
Weight: 0.064 gram
SMA/DO-214AC
Dimensions in inches and (millimeters)
Maximum Ratings and Electrical Characteristics
Rating at 25
℃ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Type Number
Symbol HS
1A
HS
1B
HS
1D
HS
1F
HS
1G
HS
1J
HS
1K
HS
1M
Units
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100 200
300
400
600
800 1000
V
Maximum RMS Voltage
VRMS
35
70
140
210
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
50
100 200
300
400
600
800 1000
V
Maximum Average Forward Rectified Current
See Fig.2
I(AV)
1.0
A
Peak Forward Surge Current, 8.3 ms Single
Half Sine-wave Superimposed on Rated
Load (JEDEC method )
IFSM
30
A
Maximum Instantaneous Forward Voltage
@ 1.0A
VF
1.0
1.3
1.7
V
Maximum DC Reverse Current @ TA =25
℃
at Rated DC Blocking Voltage @ TA=100
℃
IR
5.0
100
uA
uA
Maximum Reverse Recovery Time ( Note 1 )
Trr
50
75
nS
Typical Junction Capacitance ( Note 2 )
Cj
20
15
pF
Maximum Thermal Resistance ( Note 3 )
R
θJA
70
℃/W
Operating Temperature Range
TJ
-55 to +150
℃
Storage Temperature Range
TSTG
-55 to +150
℃
Notes: 1. Reverse Recovery Test Conditions: IF=0.5A, IR=1.0A, IRR=0.25A
2. Measured at 1 MHz and Applied VR=4.0 Volts
3. Mounted on P.C.B. with 0.2”x0.2” ( 5 x 5 mm ) Copper Pad Areas.


Similar Part No. - HS1A

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
HS1A TSC-HS1A Datasheet
133Kb / 2P
1.0 AMP. High Efficient Surface Mount Rectifiers
logo
GOOD-ARK Electronics
HS1A GOOD-ARK-HS1A Datasheet
192Kb / 2P
High Efficient Surface Mount Rectifiers Reverse Voltage 50 to 1000 Volts Forward Current 1.0 Ampere
logo
Taiwan Semiconductor Co...
HS1A TSC-HS1A Datasheet
471Kb / 2P
1.0 AMP. High Efficient Surface Mount Rectifiers
logo
Yangzhou yangjie electr...
HS1A YANGJIE-HS1A Datasheet
143Kb / 2P
High Efficient Rectifier
logo
Taiwan Semiconductor Co...
HS1A TSC-HS1A Datasheet
216Kb / 2P
1.0AMP High Efficient Surface Mount Rectifiers
More results

Similar Description - HS1A

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
HT11 TSC-HT11 Datasheet
62Kb / 2P
1.0 AMP. High Efficient Rectifiers
HER101S TSC-HER101S Datasheet
269Kb / 2P
1.0 AMP. High Efficient Rectifiers
HS1A TSC-HS1A_1 Datasheet
133Kb / 2P
1.0 AMP. High Efficient Surface Mount Rectifiers
logo
SeCoS Halbleitertechnol...
ES11M SECOS-ES11M Datasheet
87Kb / 2P
1.0 Amp Surface Mount Efficient Fast Rectifiers
logo
Daya Electric Group Co....
HER101 DAYA-HER101 Datasheet
285Kb / 2P
1.0 AMP. High Efficient Rectifiers
logo
Taiwan Semiconductor Co...
HER101S TSC-HER101S_10 Datasheet
564Kb / 2P
1.0 AMP. High Efficient Rectifiers
HS1A TSC-HS1A_10 Datasheet
471Kb / 2P
1.0 AMP. High Efficient Surface Mount Rectifiers
logo
Tiger Electronic Co.,Lt...
US1M TGS-US1M Datasheet
208Kb / 1P
1.0 AMP, HIGH EFFICIENT RECOVERY SURFACE MOUNT RECTIFIERS
logo
SeCoS Halbleitertechnol...
ES11M SECOS-ES11M_15 Datasheet
213Kb / 2P
1.0 Amp Surface Mount Efficient Fast Rectifiers
logo
DIYI Electronic Technol...
HER101 DYELEC-HER101 Datasheet
711Kb / 2P
1.0 AMP. High Efficient Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com