Electronic Components Datasheet Search
  English  ▼

X  

HS5A Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # HS5A
Description  5.0 AMPS. High Efficient Surface Mount Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

HS5A Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  HS5A Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd HS5A Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
- 306 -
.129(3.27)
.118(3.0)
.012(.31)
.006(.15)
.008(.20)
.004(.10)
.060(1.52)
.030(0.76)
.245(6.22)
.220(5.59)
.280(7.11)
.260(6.60)
.103(2.62)
.079(2.00)
.320(8.13)
.305(7.75)
HS5A THRU HS5M
5.0 AMPS. High Efficient Surface Mount Rectifiers
Voltage Range
50 to 1000 Volts
Current
5.0 Amperes
Features
Glass passivated junction chip.
For surface mounted application
Low forward voltage drop
Low profile package
Built-in stain relief, ideal for automatic
placement
Fast switching for high efficiency
High temperature soldering:
260
℃/10 seconds at terminals
Plastic material used carries Underwriters
Laboratory Classification 94V-O
Mechanical Data
Cases: Molded plastic
Terminals: Solder plated
Polarity: Indicated by cathode band
Packing: 16mm tape per E1A STD RS-481
Weight: 0.21 gram
SMC/DO-214AB
Dimensions in inches and (millimeters)
Maximum Ratings and Electrical Characteristics
Rating at 25
℃ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Type Number
Symbol HS
5A
HS
5B
HS
5D
HS
5F
HS
5G
HS
5J
HS
5K
HS
5M
Units
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
300
400
600
800 1000
V
Maximum RMS Voltage
VRMS
35
70
140
210
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
50
100
200
300
400
600
800 1000
V
Maximum Average Forward Rectified
Current See Fig. 2
I(AV)
5.0
A
Peak Forward Surge Current, 8.3 ms Single
Half Sine-wave Superimposed on Rated
Load (JEDEC method )
IFSM
150
A
Maximum Instantaneous Forward Voltage
@ 5.0A
VF
1.0
1.3
1.7
V
Maximum DC Reverse Current
@ TA=25
℃ at Rated DC Blocking Voltage
@ TA=100
℃
IR
10.0
200
uA
uA
Maximum Reverse Recovery Time (Note 1)
Trr
50
75
nS
Typical Junction Capacitance (Note 2)
Cj
80
50
pF
Maximum Thermal Resistance (Note 3)
R
θJA
60
℃/W
Operating Temperature Range
TJ
-55 to +150
℃
Storage Temperature Range
TSTG
-55 to +150
℃
Notes: 1. Reverse Recovery Test Conditions: IF=0.5A, IR=1.0A, IRR=0.25A
2. Measured at 1 MHz and Applied VR=4.0 Volts
3. Mounted on P.C.B. with 0.6”x0.6” ( 16 x 16 mm ) Copper Pad Areas.


Similar Part No. - HS5A

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
HS5A TSC-HS5A Datasheet
248Kb / 2P
5.0 AMPS. High Efficient Surface Mount Rectifiers
HS5A TSC-HS5A Datasheet
438Kb / 2P
5.0 AMPS. High Efficient Surface Mount Rectifiers
HS5A TSC-HS5A Datasheet
201Kb / 2P
5.0AMPS High Efficient Surface Mount Rectifiers
logo
Shenzhen Luguang Electr...
HS5A LUGUANG-HS5A Datasheet
232Kb / 2P
5.0AMPS High Efficient Surface Mount Rectifiers
logo
Taiwan Semiconductor Co...
HS5A TSC-HS5A Datasheet
427Kb / 4P
5.0AMPS High Efficient Surface Mount Rectifiers
More results

Similar Description - HS5A

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
HS2AA TSC-HS2AA Datasheet
53Kb / 2P
1.5 AMPS. High Efficient Surface Mount Rectifiers
HS2A TSC-HS2A_1 Datasheet
267Kb / 2P
2.0 AMPS. High Efficient Surface Mount Rectifiers
HS3AB TSC-HS3AB Datasheet
249Kb / 2P
3.0 AMPS. High Efficient Surface Mount Rectifiers
HS5A TSC-HS5A_1 Datasheet
248Kb / 2P
5.0 AMPS. High Efficient Surface Mount Rectifiers
S5A TSC-S5A Datasheet
53Kb / 2P
5.0 AMPS. Surface Mount Rectifiers
HS3A TSC-HS3A_10 Datasheet
434Kb / 2P
3.0 AMPS. High Efficient Surface Mount Rectifiers
HS5A TSC-HS5A_10 Datasheet
438Kb / 2P
5.0 AMPS. High Efficient Surface Mount Rectifiers
S5A TSC-S5A_12 Datasheet
192Kb / 2P
5.0 AMPS. Surface Mount Rectifiers
logo
Shenzhen Luguang Electr...
HS3A LUGUANG-HS3A Datasheet
225Kb / 2P
3.0 AMPS. High Efficient Surface Mount Rectifiers
HS3AB LUGUANG-HS3AB Datasheet
243Kb / 2P
3.0 AMPS. High Efficient Surface Mount Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com