Electronic Components Datasheet Search
  English  ▼

X  

TLN210F Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TLN210F
Description  INFRARED LIGHT-EMISSION DIODE FOR STILL CAMERA LIGHT SOURCE FOR AUTO FOCUS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLN210F Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TLN210F Datasheet HTML 1Page - Toshiba Semiconductor TLN210F Datasheet HTML 2Page - Toshiba Semiconductor TLN210F Datasheet HTML 3Page - Toshiba Semiconductor TLN210F Datasheet HTML 4Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
TLN210(F)
2004-01-06
3
IF – Ta
Ambient temperature Ta (°C)
60
0
0
20
40
60
80
40
20
φe – IFP
(typ.)
Pulse forward current IFP (mA)
20
0
0
160
320
480
12
4
16
8
80
240
400
25
60
Ta = -25°C
Wavelength Characteristic
(typ.)
Wave length λ (nm)
1.0
0
820
0.8
0.6
0.4
0.2
840
860
880
900
920
940
IF = 50mA
Ta = 25°C
IFP – VFP
(typ.)
Pulse forward voltage VFP (mA)
400
0
0
320
240
160
80
1
2
3
4
5
25
-25
Ta = 60°C
Radiation Pattern
(typ.)
Ta = 25°C
Relative intensity
0
0.2
0.4
0.6
0.8
1.0
0°
10°
20°
30°
40°
50°
60°
70°
80°
90°
10°
20°
30°
40°
50°
60°
70°
80°
90°



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com