Electronic Components Datasheet Search
  English  ▼

X  

TPJXXX Datasheet(PDF) 3 Page - Toppower Electronic Technology Limited

Part # TPJXXX
Description  5.2KVDC Isolated DC/DC Converters for IGBT drivers
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPPOWER [Toppower Electronic Technology Limited]
Direct Link  http://en.gztoppower.com/
Logo TOPPOWER - Toppower Electronic Technology Limited

TPJXXX Datasheet(HTML) 3 Page - Toppower Electronic Technology Limited

  TPJXXX Datasheet HTML 1Page - Toppower Electronic Technology Limited TPJXXX Datasheet HTML 2Page - Toppower Electronic Technology Limited TPJXXX Datasheet HTML 3Page - Toppower Electronic Technology Limited TPJXXX Datasheet HTML 4Page - Toppower Electronic Technology Limited TPJXXX Datasheet HTML 5Page - Toppower Electronic Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
TPJXXX Series
www.gztoppower.com
TEL:0086-20-62162688
EMAIL:sales2@gztoppower.com
Page 3 /5
Efficiency&Onput voltage (full load)
Efficiency&Input voltage (full load)
MECHANICAL DIMENSIONS
PIN CONNECTIONS
Output
Pin
Function
1
+Vin
2
GND
5
-Vout
6
OV
7
+Vout
Weight: 4.3g
AII dimensions in mm ±0.25mm. AII pins on a 2.54mm pitch and within
±0.25mm of true position.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com