Electronic Components Datasheet Search
  English  ▼

X  

TPB-1W Datasheet(PDF) 3 Page - Toppower Electronic Technology Limited

Part # TPB-1W
Description  1W 3KVDC Isolation Regulated Single Output DC/DC Converters
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPPOWER [Toppower Electronic Technology Limited]
Direct Link  http://en.gztoppower.com/
Logo TOPPOWER - Toppower Electronic Technology Limited

TPB-1W Datasheet(HTML) 3 Page - Toppower Electronic Technology Limited

  TPB-1W Datasheet HTML 1Page - Toppower Electronic Technology Limited TPB-1W Datasheet HTML 2Page - Toppower Electronic Technology Limited TPB-1W Datasheet HTML 3Page - Toppower Electronic Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
TPB-1W Series
www.gztoppower.com
TEL:00086-20-62162688
EMAIL:sales2@gztoppower.com
page 3 /3
RECOMMENDED FOOTPRINT DETAILS
DIP Package
SIP Package
MECHANICAL DIMENSIONS
PIN CONNECTIONS
DIP Package
SIP Package
NC: no external connection.
7 PIN SIP
Pin
Function
1
+Vin
2
-Vin
4
-Vout
6
+Vout
14 PIN DIP
Pin
Function
1
GND
7
NC
9
+Vo
11
0V
14
Vin
TUBE OUTLINE DIMENSIONS
SOLDERING INFORMATION
This series is compatible with RoHS soldering systems with a peak wave solder temperature of 300℃ for 10 seconds,this series are backward compatible with
Sn/Pb soldering systems.
All dimensions in mm ±0.25 mm. All pins on a 2.54mm pitch. Weight: SIP/2.1g ,DIP/2.8g
2.54
6 孔
1.00
1.15
5 孔
TOPPOWER
TOPPOWER
14Pin DIP
7Pin SIP
Unless otherwise stated all dimensions in mm ±0.5mm.
Tube length (14 Pin DIP) : 520mm ±2mm.
Tube length (7 Pin SIP) : 520mm ±2mm.
Tube Quantity : 25PCS
9.30
5.00
12.00
5.10
0.65
4 HOLES
1.00
1.15
2.54
5 HOLES
0.30
0.20
11
12.70
19.50
TPB0505D-1W
YYWW
19.50
2.54
2.13
0.55
0.45
1
7
9
14
1 2
6
1.88±0.50
9.80
6.80
6.00
10.00
3.60
4.60
1.09
7.62
0.20
0.30
0.45
0.55
3.60
4.60
底视图
底视图
4
1.25
12.70
2.54
YYWW
TPB0505S-1W



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com