Electronic Components Datasheet Search
  English  ▼

X  

TPB0505S-1W/I Datasheet(PDF) 2 Page - Toppower Electronic Technology Limited

Part # TPB0505S-1W/I
Description  1W 3KVDC Isolation Regulated Single Output DC/DC Converters
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPPOWER [Toppower Electronic Technology Limited]
Direct Link  http://en.gztoppower.com/
Logo TOPPOWER - Toppower Electronic Technology Limited

TPB0505S-1W/I Datasheet(HTML) 2 Page - Toppower Electronic Technology Limited

  TPB0505S-1W/I Datasheet HTML 1Page - Toppower Electronic Technology Limited TPB0505S-1W/I Datasheet HTML 2Page - Toppower Electronic Technology Limited TPB0505S-1W/I Datasheet HTML 3Page - Toppower Electronic Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
TPB-1W Series
www.gztoppower.com
TEL:00086-20-62162688
EMAIL:sales2@gztoppower.com
page 2 /3
SELECTION GUIDE
Part Number
Input
Output
Efficiency
(
%)
Package
Style
Voltage(VDC)
Voltage
Current(mA)
Nominal
Range
(
VDC)
Nominal
Range
TPB1224D-1W
12
11.4~12.6
24
42
5
68
DIP
TPB1505D-W75
15
14.25~15.75
5
150
15
68
DIP
TPB1505D-1W
15
14.25~15.75
5
200
20
67
DIP
TPB1509D-1W
15
14.25~15.75
9
111
12
71
DIP
TPB1512D-1W
15
14.25~15.75
12
83
9
71
DIP
TPB1515D-1W
15
14.25~15.75
15
67
7
72
DIP
TPB1524D-1W
15
14.25~15.75
24
42
5
68
DIP
TPB2405D-W75
24
22.8~25.2
5
150
15
68
DIP
TPB2405D-1W
24
22.8~25.2
5
200
20
68
DIP
TPB2409D-1W
24
22.8~25.2
9
111
12
68
DIP
TPB2412D-1W
24
22.8~25.2
12
83
9
73
DIP
TPB2415D-1W
24
22.8~25.2
15
67
7
75
DIP
TPB2424D-1W
24
22.8~25.2
24
42
5
68
DIP
Add suffix “P” for continuous short circuit protection, for example TPB0505SP-1W.
ISOLATION CHARACTERISTICS
Item
Test condition
Min.
Typ.
Max.
Units
Isolation voltage
Tested for 1 minute and 1mA max
3000
VDC
Isolation resistance
Test at 1000VDC
1
GΩ
OUTPUT SPECIFICATIONS
Item
Test Conditions
Min.
Typ.
Max.
Units
Output power
0.1
1
W
Line regulation
For Vin change of ±5%
±0.25
%
Load regulation
10% to100% load
±1
%
Output voltage accuracy
100% full load
±3
%
Temperature drift
100% full load
±0.03
%/℃
Ripple
20MHz Bandwidth
10
20
mv p-p
Noise
20MHz Bandwidth
50
75
mv p-p
Switching frequency
100% load,nominal input
100
KHz
COMMON SPECIFICATIONS
Item
Test condition
Min.
Typ.
Max.
Units
Storage humidity
Test Condition
95
%
Operating temperature
Derating if the temperature ≥85°C
-40
105
℃
Storage temperature
-55
125
℃
Temp. Rise at full load
15
25
℃
Lead temperature
300
℃
Short circuit protection
TPBxx05S-1W
Short circuit protection
Others
Continuous
Cooling
Free air convection
Case material
Plastic (UL94-V0)
MTBF
3500
K hours
Weight
SIP/2.1g, DIP/2.8g
Item
TEMPERATURE DERATING GRAPHS
1.5
1.0
0.5
0
-40
0
50 100
150
Ambient Temperature(°C)
85°C
Safe Operating Area
105



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com