Electronic Components Datasheet Search
  English  ▼

X  

TPJ1520/5 Datasheet(PDF) 1 Page - Toppower Electronic Technology Limited

Part # TPJ1520/5
Description  5.2KVDC Isolated DC/DC Converters for IGBT drivers
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPPOWER [Toppower Electronic Technology Limited]
Direct Link  http://en.gztoppower.com/
Logo TOPPOWER - Toppower Electronic Technology Limited

TPJ1520/5 Datasheet(HTML) 1 Page - Toppower Electronic Technology Limited

  TPJ1520/5 Datasheet HTML 1Page - Toppower Electronic Technology Limited TPJ1520/5 Datasheet HTML 2Page - Toppower Electronic Technology Limited TPJ1520/5 Datasheet HTML 3Page - Toppower Electronic Technology Limited TPJ1520/5 Datasheet HTML 4Page - Toppower Electronic Technology Limited TPJ1520/5 Datasheet HTML 5Page - Toppower Electronic Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
TPJXXX Series
www.gztoppower.com
TEL:0086-20-62162688
EMAIL:sales2@gztoppower.com
Page 1 /5
DESCRIPTION:
The TPJXXX is 5.2KVDC isolated DC/DC-converters for IGBT drivers in a SIP package. Their ultra low isolation
capacitance can improve the capability of anti-interference.The built-in common-ground mode of the unique asymmetric
voltage output mode reduces the driver loss of IGBT driver. They feature short-circuit protection and auto-recovery , and
can be widely used in:General inverter, AC servo drive system,Electric welding machine, Uninterruptible power supply
(UPS) . They offer the ideal solution in many space critical applications for board level power distribution.
The series offers smaller size, improved efficiency, lower output ripple noise.
5.2KVDC Isolated DC/DC Converters for IGBT drivers
SELECTION GUIDE
Part Number
Nominal Input Voltage
Output Voltage
Output Current
Efficiency (Min.)
V
V
mA
%
TPJ1515/9
15
+15/-8.7
+80/-40
76-80
TPJ1215/9
12
+15/-8.7
+80/-40
76-80
TPJ1215/5
12
+15/-5
+80/-40
75-80
TPJ1215/3
12
+15/-3
+93/-185
75-80
TPJ2415/3
24
+15/-3
+66/-333
75-80
TPJ2415/3-O
24
+15/-3
+111/-111
73-79
TPJ1220/5
12
+20/-5
+50/-200
75-80
TPJ1520/5
15
+20/-5
+50/-200
75-80
TPJ2420/5
24
+20/-5
+50/-200
75-80
INPUT CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Voltage range
24V input
22.8
24
25.2
VDC
Voltage range
15V input
13.5
15
16.5
VDC
Voltage range
12V input
10.8
12
13.2
VDC
Input Filter
Filter capacitor
Hot plug
Unavailable
Input current
DC24V
30
140
mA
Input current
DC15V
20
130
MA
Input current
DC12V
20
160
MA
Load regulation
10%-100% load
Positive output 8%-15%,Negative output 10-15%
FEATURES
RoHS compliant
Max capacitive load: 220uF
DC/DC-converters for IGBT drivers
Operating temperature: -40ºC to 105ºC
Footprint 1.91cm2
UL 94V-0 package material
No heatsink required
5.2KVDC isolation
SIP package style
Input voltage: 24V,15V,12V
Dual Output voltage: +15/-8.7,+15/-5/+15/-3
short-circuit protection
ABSOLUTE MAXIMUM RATINGS
Short-circuit protection
continuous
Lead temperature 1.5mm from case for 10 seconds
300°C
Input voltage Vin, TPJ24
24V
Input voltage Vin, TPJ15
15V
Input voltage Vin, TPJ12
12V
GENERAL CHARACTERISTICS
Parameter
Conditions
Min
Short Circuit Protection
Ripple & Noise*
20MHz bandwidth
-


Similar Part No. - TPJ1520/5

ManufacturerPart #DatasheetDescription
logo
Toppower Electronic Tec...
TPJ1505S TOPPOWER-TPJ1505S Datasheet
623Kb / 3P
1W 6KVDC Isolated Single and Dual Output DC/DC Converters
TPJ1505S TOPPOWER-TPJ1505S Datasheet
701Kb / 3P
1W 6KVDC Isolated Single and Dual Output DC/DC Converters
TPJ1505S TOPPOWER-TPJ1505S Datasheet
754Kb / 3P
1W 6KVDC Isolated Single and Dual Output DC/DC Converters
TPJ1505SA TOPPOWER-TPJ1505SA Datasheet
623Kb / 3P
1W 6KVDC Isolated Single and Dual Output DC/DC Converters
TPJ1505SA TOPPOWER-TPJ1505SA Datasheet
701Kb / 3P
1W 6KVDC Isolated Single and Dual Output DC/DC Converters
More results

Similar Description - TPJ1520/5

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
KDC_NMJ MURATA-KDC_NMJ Datasheet
155Kb / 6P
5.2kVDC Isolated 1W DC/DC Converters
MEJ2 MURATA-MEJ2 Datasheet
304Kb / 7P
5.2kVDC Isolated 2W DC/DC Converters
logo
Murata Power Solutions ...
MGJ2 MURATA-PS-MGJ2 Datasheet
214Kb / 8P
5.2kVDC Isolated 2W Gate Drive DC/DC Converters
MGJ3 MURATA-PS-MGJ3 Datasheet
1Mb / 10P
5.2kVDC Isolated 3W Gate Drive SM DC/DC Converters
MGJ6 MURATA-PS-MGJ6 Datasheet
210Kb / 10P
5.2kVDC Isolated 6W Gate Drive SM DC/DC Converters
logo
Toppower Electronic Tec...
TPJ15159 TOPPOWER-TPJ15159 Datasheet
282Kb / 4P
3KVAC Isolated DC/DC Converters for IGBT drivers
logo
Murata Power Solutions ...
MEJ1 MURATA-PS-MEJ1 Datasheet
254Kb / 9P
5.2kVDC Isolated 1W DC/DC Converters
logo
Toppower Electronic Tec...
TPJXXX TOPPOWER-TPJXXX Datasheet
379Kb / 4P
5.2KVDC Isolated DC/DC Converters for IGBT drivers
TPJXXX-3W TOPPOWER-TPJXXX-3W Datasheet
359Kb / 4P
5.2KVDC Isolated DC/DC Converters for IGBT drivers
TPJXXX-3W TOPPOWER-TPJXXX-3W_V01 Datasheet
434Kb / 4P
5.2KVDC Isolated DC/DC Converters for IGBT drivers
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com