Electronic Components Datasheet Search
  English  ▼

X  

CDCE6214 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # CDCE6214
Description  CDCE6214 Ultra-Low Power Clock Generator With One PLL, Four Differential Outputs, Two Inputs, and Internal EEPROM
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDCE6214 Datasheet(HTML) 21 Page - Texas Instruments

Back Button CDCE6214 Datasheet HTML 17Page - Texas Instruments CDCE6214 Datasheet HTML 18Page - Texas Instruments CDCE6214 Datasheet HTML 19Page - Texas Instruments CDCE6214 Datasheet HTML 20Page - Texas Instruments CDCE6214 Datasheet HTML 21Page - Texas Instruments CDCE6214 Datasheet HTML 22Page - Texas Instruments CDCE6214 Datasheet HTML 23Page - Texas Instruments CDCE6214 Datasheet HTML 24Page - Texas Instruments CDCE6214 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 53 page
background image
21
CDCE6214
www.ti.com
SNAS811 – JULY 2020
Product Folder Links: CDCE6214
Submit Documentation Feedback
Copyright © 2020, Texas Instruments Incorporated
9.3.2 Phase-Locked Loop (PLL)
The CDCE6214 has a fully-integrated Phase-Locked Loop (PLL) circuit. The error between a reference phase
and an internal feedback phase is compared at the phase-frequency-detector. The comparison result is fed to a
charge pump that is connected to an integrated loop filter. The control voltage resulting from the loop filter tunes
an internal Voltage-Controlled Oscillator (VCO). The frequency of the VCO is fed through a feedback divider (N-
counter) back to the PFD.
•
Integer and Fractional-N PLL mode of operation.
•
First-, Second-, or Third-Order MASH operation in Fractional mode.
•
24-bit Numerator and Denominator can be used to generate fractional frequencies with 0 ppb frequency
accuracy.
•
PFD operates between 1 MHz and 100 MHz.
•
Live Lock Detector (R7[0] or PLL_LOCK in GPIO) provides PLL Lock status (in fractional mode and SSC
enabled, lock detect window need to be widened. R50[10:8] = 7h). Additionally, sticky bit lock detect (R7[1])
detects if there was any temporary loss of lock.
•
Integrated selectable loop filter components.
•
For a 25-MHz PFD frequency, PFD bandwidth between 100 kHz and 1.6 MHz can be achieved to optimize
PLL to input reference.
•
Voltage-controlled oscillator (VCO) ranges from 2335 MHz to 2615 MHz.
•
Supports 0.25% and 0.5% center and down spread Spread Spectrum Clocking (SSC) generation. Further,
VCO also supports up to 0.5% SSC references at 100 MHz for PCIe clocking.
Table 3. Common Clock Generator Loop Filter Settings
fVCO IN MHz
fPFD IN MHz
BW IN MHz
PHASE
MARGIN IN °
DAMPING
FACTOR
ICP IN mA
CPcap IN pF
RRes IN kΩ
CZcap IN pF
2400
25
0.469
70
0.5
0.60
16.1
2.5
580
2400
50
0.938
70
2
0.60
8.2
2.5
276
2400
100
1.60
70
0.5
0.80
8.2
2.5
303
2457.6
61.44
1.04
70
1.15
0.60
9.2
2.0
331
2500
25
0.49
70
0.4
0.60
13.5
2.5
497
2500
50
0.93
70
1.0
0.60
11.7
2.5
386
2400
50
400
65
0.1
0.40
11.7
1.5
636
(1)
Fractional Mode settings are based on DCO mode step size of 0.1ppm
Table 4. Common PLL Divider Settings (1)
INPUT
FREQUENCY
IN MHz
fPFD IN MHz
OUTPUT
FREQUENCY
IN MHz
fVCO
N-COUNTER
DIVIDER VALUE
NUMERATOR
DENOMINATOR
PSA
OUTPUT
DIVIDER
25
50
100
2400
48
NA
NA
4
6
25
25
100
2400
96
NA
NA
4
6
25
50
156.25
2500
50
NA
NA
4
4
25
25
25
2400
96
NA
NA
4
24
25
25
24.576
2457.6
98
5071614
16682942
4
25
25
25
148.5
2376
95
664983
16624579
4
4
9.3.2.1 PLL Configuration and Divider Settings
fPFD= Fin/Ffactor
Ffactor is determined by R25[7:0] - ip_ref_div. Ffactor = 0.5 when ip_ref_div=0, Ffactor = ip_ref_div, otherwise.
fVCO = fPFD × (N + Num/Den).
N is set by R30[14:0] - PLL_NDIV. Num is the numerator of the fraction, set by {R32[7:0],R31[15:0]}. Den is the
denominator of the fraction, set by R34[7:0],R33[15:0]. When {R34[7:0],R33[15:0]} = 0, Den=224.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com