Electronic Components Datasheet Search
  English  ▼

X  

1709306 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 1709306
Description  Printed-circuit board connector - IPC 5/ 6-STGF-7,62
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1709306 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  1709306 Datasheet HTML 1Page - PHOENIX CONTACT 1709306 Datasheet HTML 2Page - PHOENIX CONTACT 1709306 Datasheet HTML 3Page - PHOENIX CONTACT 1709306 Datasheet HTML 4Page - PHOENIX CONTACT 1709306 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
https://www.phoenixcontact.com/us/products/1709306
09/26/2014   Page 2 / 5
Printed-circuit board connector - IPC 5/ 6-STGF-7,62 - 1709306
Technical data
General
Rated voltage (III/3)
1000 V
Rated voltage (III/2)
1000 V
Rated voltage (II/2)
1000 V
Connection in acc. with standard
EN-VDE
Nominal current IN
41 A
Nominal cross section
6 mm²
Maximum load current
41 A
Insulating material
PA
Inflammability class according to UL 94
V0
Stripping length
10 mm
Number of positions
6
Screw thread
M3
Tightening torque, min
0.7 Nm
Tightening torque max
0.8 Nm
Connection data
Conductor cross section solid min.
0.2 mm²
Conductor cross section solid max.
10 mm²
Conductor cross section stranded min.
0.2 mm²
Conductor cross section stranded max.
6 mm²
Conductor cross section stranded, with ferrule without plastic sleeve min.
0.25 mm²
Conductor cross section stranded, with ferrule without plastic sleeve max. 6 mm²
Conductor cross section stranded, with ferrule with plastic sleeve min.
0.25 mm²
Conductor cross section stranded, with ferrule with plastic sleeve max.
4 mm²
Conductor cross section AWG/kcmil min.
24
Conductor cross section AWG/kcmil max
10
2 conductors with same cross section, solid min.
0.2 mm²
2 conductors with same cross section, solid max.
2.5 mm²
2 conductors with same cross section, stranded min.
0.2 mm²
2 conductors with same cross section, stranded max.
4 mm²
2 conductors with same cross section, stranded, ferrules without plastic
sleeve, min.
0.25 mm²
2 conductors with same cross section, stranded, ferrules without plastic
sleeve, max.
1.5 mm²
2 conductors with same cross section, stranded, TWIN ferrules with plastic
sleeve, min.
0.25 mm²
2 conductors with same cross section, stranded, TWIN ferrules with plastic
sleeve, max.
2.5 mm²
Minimum AWG according to UL/CUL
24



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com