Electronic Components Datasheet Search
  English  ▼

X  

1709335 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1709335
Description  Printed-circuit board connector - IPC 5/ 9-STGF-7,62
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1709335 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1709335 Datasheet HTML 1Page - PHOENIX CONTACT 1709335 Datasheet HTML 2Page - PHOENIX CONTACT 1709335 Datasheet HTML 3Page - PHOENIX CONTACT 1709335 Datasheet HTML 4Page - PHOENIX CONTACT 1709335 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
https://www.phoenixcontact.com/us/products/1709335
09/26/2014   Page 1 / 5
Printed-circuit board connector - IPC 5/ 9-STGF-7,62 - 1709335
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Plug component, Nominal current: 41 A, Rated voltage (III/2): 1000 V, Number of positions: 9, Pitch: 7.62 mm,
Connection method: Screw connection, Color: green, Contact surface: Tin
The figure shows a 5-pos. version of
the product
Product Features
 Can be plugged into PC 5 plugs or inverted IPC 5 headers
 Unlimited 600 V UL approval
 Inverted IPC 5 plugs with pin contacts for touch-proof device outputs (with IPC 5 G) or free-hanging cable/cable connections
 STGF plugs with threaded flange
 
Key commercial data
Packing unit
1 pc
Minimum order quantity
50 pc
Weight per Piece (excluding packing)
49.8 GRM
Custom tariff number
85366990
Country of origin
Poland
Technical data
Dimensions
Pitch
7.62 mm
Dimension a
60.96 mm
General
Range of articles
IPC 5/..-STGF
Insulating material group
I
Rated surge voltage (III/3)
8 kV
Rated surge voltage (III/2)
8 kV
Rated surge voltage (II/2)
6 kV


Similar Part No. - 1709335

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
170933 FESTO-170933 Datasheet
95Kb / 2P
Guided actuator
More results

Similar Description - 1709335

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1709267 PHOENIX-1709267 Datasheet
103Kb / 5P
Printed-circuit board connector - IPC 5/ 2-STGF-7,62
1709270 PHOENIX-1709270 Datasheet
103Kb / 5P
Printed-circuit board connector - IPC 5/ 3-STGF-7,62
1709296 PHOENIX-1709296 Datasheet
103Kb / 5P
Printed-circuit board connector - IPC 5/ 5-STGF-7,62
1709306 PHOENIX-1709306 Datasheet
103Kb / 5P
Printed-circuit board connector - IPC 5/ 6-STGF-7,62
1709319 PHOENIX-1709319 Datasheet
103Kb / 5P
Printed-circuit board connector - IPC 5/ 7-STGF-7,62
1709322 PHOENIX-1709322 Datasheet
103Kb / 5P
Printed-circuit board connector - IPC 5/ 8-STGF-7,62
1709348 PHOENIX-1709348 Datasheet
103Kb / 5P
Printed-circuit board connector - IPC 5/10-STGF-7,62
1709351 PHOENIX-1709351 Datasheet
103Kb / 5P
Printed-circuit board connector - IPC 5/11-STGF-7,62
1709377 PHOENIX-1709377 Datasheet
100Kb / 5P
Printed-circuit board connector - IPC 5/ 4-STGF-SH-7,62
1749272 PHOENIX-1749272 Datasheet
73Kb / 4P
Printed-circuit board connector - ISPC 5/ 9-STGF-7,62
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com