Electronic Components Datasheet Search
  English  ▼

X  

OPA145IDBVT Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # OPA145IDBVT
Description  OPAx145 High-Precision, Low-Noise, Rail-to-Rail Output, 5.5-MHz JFET Operational Amplifiers
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA145IDBVT Datasheet(HTML) 8 Page - Texas Instruments

Back Button OPA145IDBVT Datasheet HTML 4Page - Texas Instruments OPA145IDBVT Datasheet HTML 5Page - Texas Instruments OPA145IDBVT Datasheet HTML 6Page - Texas Instruments OPA145IDBVT Datasheet HTML 7Page - Texas Instruments OPA145IDBVT Datasheet HTML 8Page - Texas Instruments OPA145IDBVT Datasheet HTML 9Page - Texas Instruments OPA145IDBVT Datasheet HTML 10Page - Texas Instruments OPA145IDBVT Datasheet HTML 11Page - Texas Instruments OPA145IDBVT Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 43 page
background image
8
OPA145, OPA2145
SBOS427D – JUNE 2017 – REVISED JUNE 2020
www.ti.com
Product Folder Links: OPA145 OPA2145
Submit Documentation Feedback
Copyright © 2017–2020, Texas Instruments Incorporated
6.7 Typical Characteristics
Table 1. Table of Graphs
DESCRIPTION
FIGURE
Offset Voltage Production Distribution
Figure 1
Offset Voltage Drift Distribution From –40°C to +125°C
Figure 2
Input Bias Current Production Distribution
Figure 3
Input Offset Current Production Distribution
Figure 4
Offset Voltage vs Temperature
Figure 5
Offset Voltage vs Common-Mode Voltage
Figure 6
Offset Voltage vs Power Supply
Figure 7
Open-Loop Gain and Phase vs Frequency
Figure 8
Closed-Loop Gain vs Frequency
Figure 9
Input Bias Current vs Common-Mode Voltage
Figure 10
Input Bias Current and Offset vs Temperature
Figure 11
Output Voltage Swing vs Output Current (Maximum Supply)
Figure 12
CMRR and PSRR vs Frequency
Figure 13
CMRR vs Temperature
Figure 14
PSRR vs Temperature
Figure 15
0.1-Hz to 10-Hz Voltage Noise
Figure 16
Input Voltage Noise Spectral Density vs Frequency
Figure 17
THD+N Ratio vs Frequency
Figure 18
THD+N vs Output Amplitude
Figure 19
Quiescent Current vs Supply Voltage
Figure 20
Quiescent Current vs Temperature
Figure 21
Open-Loop Gain vs Temperature (10-kΩ)
Figure 22
Open-Loop Gain vs Temperature (2-kΩ)
Figure 23
DC Open-Loop Gain vs Output Voltage Swing Relative to Supply
Figure 24, Figure 25
Open-Loop Output Impedance vs Frequency
Figure 26
Small-Signal Overshoot vs Capacitive Load (10-mV Step)
Figure 27
No Phase Reversal
Figure 28
Positive Overload Recovery
Figure 29
Negative Overload Recovery
Figure 30
Small-Signal Step Response (10-mV Step)
Figure 31, Figure 32
Large-Signal Step Response (10-V Step)
Figure 33, Figure 34
Settling Time
Figure 35
Short-Circuit Current vs Temperature
Figure 36
Maximum Output Voltage vs Frequency
Figure 37
EMIRR vs Frequency
Figure 38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com