Electronic Components Datasheet Search
  English  ▼

X  

PCM4108PAPR Datasheet(PDF) 17 Page - Texas Instruments

Part # PCM4108PAPR
Description  HIGH-PERFORMANCE, 24-BIT, 216kHz SAMPLING, EIGHT-CHANNEL AUDIO DIGITAL-TO-ANALOG CONVERTER
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM4108PAPR Datasheet(HTML) 17 Page - Texas Instruments

Back Button PCM4108PAPR Datasheet HTML 13Page - Texas Instruments PCM4108PAPR Datasheet HTML 14Page - Texas Instruments PCM4108PAPR Datasheet HTML 15Page - Texas Instruments PCM4108PAPR Datasheet HTML 16Page - Texas Instruments PCM4108PAPR Datasheet HTML 17Page - Texas Instruments PCM4108PAPR Datasheet HTML 18Page - Texas Instruments PCM4108PAPR Datasheet HTML 19Page - Texas Instruments PCM4108PAPR Datasheet HTML 20Page - Texas Instruments PCM4108PAPR Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 39 page
background image
PCM4108
SBAS354 − JUNE 2005
www.ti.com
17
SCKI
t
SCKI
t
SCKIH
t
SCKIL
PARAMETER
DESCRIPTION
MIN
MAX
UNITS
System Clock Period
26
ns
t SCKIH
System Clock High Pulse Time
12
ns
tSCKIL
System Clock Low Pulse Time
12
ns
t SCKI
Figure 4. System Clock Timing Requirements
RESET OPERATION
The PCM4108 includes three reset functions: power-on,
external, and software-controlled. This section describes
each of the three reset functions.
On power up, the internal reset signal is forced low, forcing
the PCM4108 into a reset state. The power-on reset circuit
monitors the VDD, VCC1, and VCC2 power supplies. When
VDD exceeds +2.0V (margin of error is ±400mV) and VCC1
and VCC2 exceed +4.0V (margin of error is ±400mV), the
internal reset signal is forced high. The PCM4108 then
waits for the system clock input (SCKI) to become active.
Once the system clock has been detected, the initialization
sequence begins. The initialization sequence requires
1024 system clock periods for completion. When the
initialization sequence is completed, the PCM4108 is
ready to accept audio data at the audio serial port. Figure 5
shows the power-on reset sequence timing.
If the PCM4108 is configured for Software mode control
via the SPI port, all control registers will be reset to their
default state during the initialization sequence. In both
Standalone and Software modes, the analog outputs for all
eight channels are muted during the reset and initialization
sequence. While in mute state, the analog output pins are
driven to the bipolar zero voltage, or VCC/2.
The user may force a reset initialization sequence at any
time while the system clock input is active by utilizing the
RST input (pin 13). The RST input is active low, and
requires a minimum low pulse width of 40ns. The
low-to-high transition of the applied reset signal will force
an initialization sequence to begin. As in the case of the
power-on reset, the initialization sequence requires 1024
system clock periods for completion. Figure 6 illustrates
the reset sequence initiated when using the RST input.
A reset initialization sequence is available in Software
mode, using the RST bit in Control Register 6. The RST bit
is active high. When RST is set to ‘1’, a reset sequence is
initiated in the same fashion as an external reset applied
at the RST input.
Figure 7 shows the state of the analog outputs for the
PCM4108 before, during and after the reset operations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com