Electronic Components Datasheet Search
  English  ▼

X  

2SB688 Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # 2SB688
Description  PNP EPITAXIAL SILICON TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

2SB688 Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  2SB688 Datasheet HTML 1Page - First Silicon Co., Ltd 2SB688 Datasheet HTML 2Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PNP EPITAXIAL SILICON TRANSISTOR
HIGH POWER AMPLIFIER APPLICATION
FEATURES
* Complementary to 2SD718.
* Recommended for 45 ~ 50W Audio Frequency Amplifier
Output Stage.
TO-3P
1
1: BASE
2: COLLECTOR
3: EMITTER
*Pb-free plating product number: 2SB688L
ABSOLUTE MAXIMUM RATINGS
(Ta=25℃)
PARAMETER
SYMBOL
RATINGS
UNIT
V
e
g
a
t
l
o
V
e
s
a
B
-
r
o
t
c
e
ll
o
C
CBO
V
0
2
1
-
V
e
g
a
t
l
o
V
r
e
t
t
i
m
E
-
r
o
t
c
e
ll
o
C
CEO
V
0
2
1
-
V
e
g
a
t
l
o
V
e
s
a
B
r
e
t
t
i
m
E
EBO
V
5
-
I
t
n
e
r
r
u
C
r
o
t
c
e
ll
o
C
C
A
0
1
-
I
t
n
e
r
r
u
C
e
s
a
B
B
A
1
-
Collector Power Dissipation (TC=25℃)
PC
W
0
8
T
e
r
u
t
a
r
e
p
m
e
T
n
o
i
t
c
n
u
J
J
0
5
1
℃
T
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
S
STG
-40 ~ +150
℃
ELECTRICAL CHARACTERISTICS
(Ta=25℃)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Collector Cut-off Current
ICBO
VCB = -120V, IE = 0
-10
µA
Emitter Cut-off Current
IEBO
VEB = -5V, IC = 0
-10
µA
Collector-Emitter Breakdown Voltage
V(BR)CEO
IC = -50mA, IB= 0
-120
V
h
n
i
a
G
t
n
e
r
r
u
C
C
D
FE
VCE = -5V, IC = -1A
55
160
Collector-Emitter Saturation Voltage
VCE(sat)
IC = -5A, IB = -0.5A
-2.5
V
Base-Emitter Voltage
VBE
VCE = -5A, IC= -5A
-1.5
V
f
y
c
n
e
u
q
e
r
F
n
o
i
t
i
s
n
a
r
T
T
VCE = -5A, IC= -1A
10
MHz
Collector Output Capacitance
Cob
VCB = -10V, IE = 0, f=1MHz
280
pF
CLASSIFICATION OF hFE
O
R
K
N
A
R
0
6
1
~
0
8
0
1
1
~
5
5
E
G
N
A
R
2011. 02. 22
1/2
Revision No : 0
SEMICONDUCTOR
TECHNICAL DATA
2SB688


Similar Part No. - 2SB688

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2SB688 MOSPEC-2SB688 Datasheet
114Kb / 3P
POWER TRANSISTORS(8A,120V,80W)
logo
Wing Shing Computer Com...
2SB688 WINGS-2SB688 Datasheet
25Kb / 1P
PNP PLANAR SILICON TRANSISTOR(AUDIO POWER AMPLIFIER DC TO DC CONVERTER)
logo
Unisonic Technologies
2SB688 UTC-2SB688 Datasheet
123Kb / 2P
HIGH POWER AMPLIFIER APPLICATION
logo
Savantic, Inc.
2SB688 SAVANTIC-2SB688 Datasheet
175Kb / 4P
Silicon PNP Power Transistors
logo
Quanzhou Jinmei Electro...
2SB688 JMNIC-2SB688 Datasheet
213Kb / 4P
Silicon PNP Power Transistors
More results

Similar Description - 2SB688

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTC2SA1015 UTC-UTC2SA1015 Datasheet
62Kb / 2P
PNP EPITAXIAL SILICON TRANSISTOR
logo
Samsung semiconductor
2N5401 SAMSUNG-2N5401 Datasheet
76Kb / 2P
PNP EPITAXIAL SILICON TRANSISTOR
BCW69 SAMSUNG-BCW69 Datasheet
28Kb / 1P
PNP EPITAXIAL SILICON TRANSISTOR
logo
Fairchild Semiconductor
BCX71G FAIRCHILD-BCX71G Datasheet
31Kb / 2P
PNP EPITAXIAL SILICON TRANSISTOR
FJN4303R FAIRCHILD-FJN4303R Datasheet
36Kb / 4P
PNP Epitaxial Silicon Transistor
FJNS4202R FAIRCHILD-FJNS4202R Datasheet
36Kb / 4P
PNP Epitaxial Silicon Transistor
FJNS4204R FAIRCHILD-FJNS4204R Datasheet
65Kb / 4P
PNP Epitaxial Silicon Transistor
FJNS4210R FAIRCHILD-FJNS4210R Datasheet
32Kb / 4P
PNP Epitaxial Silicon Transistor
FJNS4212R FAIRCHILD-FJNS4212R Datasheet
26Kb / 3P
PNP Epitaxial Silicon Transistor
FJV4102R FAIRCHILD-FJV4102R Datasheet
55Kb / 4P
PNP Epitaxial Silicon Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com