Electronic Components Datasheet Search
  English  ▼

X  

PCM4108CPAPR Datasheet(PDF) 5 Page - Texas Instruments

Part # PCM4108CPAPR
Description  HIGH-PERFORMANCE, 24-BIT, 216kHz SAMPLING, EIGHT-CHANNEL AUDIO DIGITAL-TO-ANALOG CONVERTER
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM4108CPAPR Datasheet(HTML) 5 Page - Texas Instruments

  PCM4108CPAPR Datasheet HTML 1Page - Texas Instruments PCM4108CPAPR Datasheet HTML 2Page - Texas Instruments PCM4108CPAPR Datasheet HTML 3Page - Texas Instruments PCM4108CPAPR Datasheet HTML 4Page - Texas Instruments PCM4108CPAPR Datasheet HTML 5Page - Texas Instruments PCM4108CPAPR Datasheet HTML 6Page - Texas Instruments PCM4108CPAPR Datasheet HTML 7Page - Texas Instruments PCM4108CPAPR Datasheet HTML 8Page - Texas Instruments PCM4108CPAPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 39 page
background image
PCM4108
SBAS354 − JUNE 2005
www.ti.com
5
ELECTRICAL CHARACTERISTICS (continued)
All parameters are specified at TA = +25°C with VCC = +5V, VDD = +3.3V, and a measurement bandwidth from 10Hz to 20kHz, unless otherwise
noted. System clock frequency is equal to 256fS for Single and Dual Rate sampling modes, and 128fS for Quad Rate sampling mode.
PCM4108
PARAMETER
UNITS
MAX
TYP
MIN
CONDITIONS
DIGITAL FILTERS
Passband
±0.002dB
0.454fS
Hz
Passband
−3dB
0.487fS
Hz
Stop band
0.546fs
Hz
Passband ripple
±0.002
dB
Stop band attenuation
0.546fs
−75
dB
Stop band attenuation
0.567fs
−82
dB
Group delay
29/fS
sec
De-emphasis filter error
0.1
dB
POWER SUPPLY
Supply Range
Analog supply, VCC
+4.75
+5.0
+5.25
V
Digital supply, VDD
+3.0
+3.3
+3.6
V
Power-down current
VCC = +5V, VDD = +3.3V
Power-down supply current, ICC + IDD
RST = low, system and audio clocks off
1
mA
Quiescent current
System and audio clocks applied, all 0s data
VCC = +5V, fS =48kHz
64
80
mA
Analog supply, ICC
VCC = +5V, fS =96kHz
64
mA
Analog supply, ICC
VCC = +5V, fS =192kHz
64
mA
VDD = +3.3V, fS =48kHz
26
34
mA
Digital supply, IDD
VDD = +3.3V, fS =96kHz
36
mA
Digital supply, IDD
VDD = +3.3V, fS =192kHz
46
mA
VCC = +5V, VDD = +3.3V
Total power dissipation
fS = 48kHz
406
512
mW
Total power dissipation
fS = 96kHz
440
mW
fS = 192kHz
472
mW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com