Electronic Components Datasheet Search
  English  ▼

X  

FTA1270 Datasheet(PDF) 2 Page - First Silicon Co., Ltd

Part # FTA1270
Description  General Purpose Transistor PNP Silicon
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTA1270 Datasheet(HTML) 2 Page - First Silicon Co., Ltd

  FTA1270 Datasheet HTML 1Page - First Silicon Co., Ltd FTA1270 Datasheet HTML 2Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Typical Characteristics
FTA1270
2010. 07. 22
2/2
Revision No : 0
500
0
AMBIENT TEMPERATURE Ta (℃)
Pc - Ta
25
50
75
100
125
150
175
525
550
575
600
625
650
Ic - VCE
CE
COLLECTOR-EMITTER VOLTAGE V
(V)
0
-1
-2
-100
0
I
- V
B
BE
BE
BASE-EMITTER VOLTAGE V
(V)
0
-0.2
-0.3
10
1k
-0.3
COLLECTOR CURRENT I
(mA)
C
C
FE
h
- I
-0.01
-0.5
COLLECTOR CURRENT I
(mA)
C
C
CE(sat)
V
- I
-3
-4
-5
-200
-300
-400
-500
-600
COMMON
EMITTER
Ta=25℃
I =-1mA
B
-2
-3
-4
-5
-6
-7
-8
-1 -3
-10
-30
-100 -300
-1K
-0.03
-0.05
-0.1
-0.3
-0.5
-1
-3
COMMON EMITTER
I /I =10
C
B
Ta=100℃
Ta=25℃
Ta=-25℃
-3
-10
-30
-100
-300 -1K
30
50
100
300
500
COMMON EMITTER
Ta=100℃
Ta=25℃
Ta=-25℃
V
=-1V
CE
CE
V
=-6V
-0.4
-0.6
-0.8
-1.0
-1.2
-30
-1
-3
-10
-100
-300
-1k
-3k
COMMON
EMITTER
V
=-6V
CE
0
-1



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com