Electronic Components Datasheet Search
  English  ▼

X  

FTA1298 Datasheet(PDF) 2 Page - First Silicon Co., Ltd

Part # FTA1298
Description  LOW FREQUENCY POWER AMPLIFIER APPLICATION. POWER SWITCHING APPLICATION.
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTA1298 Datasheet(HTML) 2 Page - First Silicon Co., Ltd

  FTA1298 Datasheet HTML 1Page - First Silicon Co., Ltd FTA1298 Datasheet HTML 2Page - First Silicon Co., Ltd FTA1298 Datasheet HTML 3Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
FTA1298
2014. 01. 18
2/3
Revision No : 0
I - V
C
CE
CE
COLLECTOR-EMITTER VOLTAGE V
(V)
0
-2
-4
-200
0
-0.01
-3
-1
COLLECTOR CURRENT I
(mA)
C
C
CE(sat)
V
- I
1k
-1
COLLECTOR CURRENT I
(mA)
C
C
FE
h - I
0
40
0
AMBIENT TEMPERATURE Ta ( C)
a
C
P - T
0
-400
-0.2
0
BASE-EMITTER VOLTAGE V
(V)
BE
BE
C
I - V
-6
-8
-10
-400
-600
-800
COMMON
EMITTER
Ta=25℃
I =-1mA
B
-2mA
-3mA
-4mA
-5mA
-6mA
-3
-1
-30
-100
-300
-1
k
10
100
300
500
30
50
COMMON EMITTER
V
=-1V
CE
Ta=100℃
Ta=25℃
Ta=-25℃
-10
-30
-100
-300
-1k
-0.03
-0.05
-0.1
-1
-2
-0.3
-0.5
COMMON EMITTER
I /I =25
C B
Ta
=10
0 C
Ta
=2
5
C
Ta
=-25
C
-0.4
-0.6
-0.8
-1.0
-200
-600
-800
COMMON EMITTER
V
=-1V
CE
80
120
160
200
240
280
40
80
120
160
200



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com