Electronic Components Datasheet Search
  English  ▼

X  

FTA1365 Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # FTA1365
Description  General Purpose Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTA1365 Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  FTA1365 Datasheet HTML 1Page - First Silicon Co., Ltd FTA1365 Datasheet HTML 2Page - First Silicon Co., Ltd FTA1365 Datasheet HTML 3Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
General Purpose Transistors
PNP Silicon
2
EMITTER
3
COLLECTOR
1
BASE
2011. 11. 28
1/3
SEMICONDUCTOR
TECHNICAL DATA
FTA1365
Revision No : 0
SOT– 23
1
3
2
DESCRIPTION
FTA1365 is a mini package silicon PNP epitaxial transistor,
FEATURE
● Small collector to emitter saturation voltage.
VCE(sat) = -0.2V typ
● Excellent linearity of DC forward current gain.
● Super mini package for easy mounting
APPLICATION
Small type motor drive, relay drive, power supply.
● We declare that the material of product compliance with RoHS requirements.
● We declare that the material of product is ROHS compliant
designed with high collector current and small VCE(sat).
● High collector current I
=-1A
CM
● High gain band width product f =180MHz typ
T
Device
Marking
Shipping
FTA1365-E
AE
3000/Tape & Reel
ORDERING INFORMATION
MAXIMUM RATINGS(Ta=25℃)
Symbol
Parameter
Ratings
Unit
V
CBO
Collector to Base voltage
-25
V
V
CEO
Collector to Emitter voltage
-20
V
V
EBO
Emitter to Base voltage
-4
V
I
O
Collector current
- 00
mA
P
c
Collector dissipation
150
mW
T
j
Junction temperature
+125
℃
T
stg
Storage temperature
-55~+125
℃
ELECTRICAL CHARACTERISTICS(Ta=25℃)
Limits
s
n
o
i
t
i
d
n
o
c
t
s
e
T
l
o
b
m
y
S
r
e
t
e
m
a
r
a
P
Min
Typ
Max
Unit
C to E break down voltage
V(BR)CEO
I
C=-100μA ,R BE
V
-
-
0
2
-
∞
=
I
t
n
e
r
r
u
c
f
f
o
t
u
c
r
o
t
c
e
ll
o
C
CBO
V
CB=-25V, I E
A
μ
1
-
-
-
A
m
0
=
I
t
n
e
r
r
u
c
f
f
o
t
u
c
r
e
t
t
i
m
E
EBO
V
EB=-2V, I C
A
μ
1
-
-
-
A
m
0
=
V
E
F
h
n
i
a
g
t
n
e
r
r
u
c
d
r
a
w
r
o
f
C
D
CE=-4V, I C=-100mA
※
150
-
800
C to E Saturation Vlotage
VCE(sat)
I
C=-500mA ,IB
V
5
.
0
-
2
.
0
-
-
A
m
5
2
-
=
V
T
f
t
c
u
d
o
r
p
h
t
d
i
w
d
n
a
b
n
i
a
G
CE=-6V, I E
z
H
M
-
0
8
1
-
A
m
0
1
=
※) It shows hFE classification in below table.
Item
E
F
G
hFE
Item
150~300
250~500
400~800
7
E to B break down voltage
V(BR)EBO
I
E =-10μA , I C
V
-
-
4
-
0
=
C to B break down voltage
V(BR)CBO
I
C=-10μA , I E
V
-
-
5
2
-
0
=
FTA1365-F
AF
3000/Tape & Reel
FTA1365-G
AG
3000/Tape & Reel


Similar Part No. - FTA1365

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
FTA1385D FS-FTA1385D Datasheet
270Kb / 3P
EPITAXIAL PLANAR PNP TRANSISTOR
FTA1385I FS-FTA1385I Datasheet
270Kb / 3P
EPITAXIAL PLANAR PNP TRANSISTOR
More results

Similar Description - FTA1365

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N4403 ONSEMI-2N4403 Datasheet
106Kb / 7P
General Purpose Transistors
March, 2007 ??Rev. 3
logo
SeCoS Halbleitertechnol...
EMX1 SECOS-EMX1 Datasheet
516Kb / 3P
General Purpose Transistors
logo
ON Semiconductor
MMBT2131T1 ONSEMI-MMBT2131T1_06 Datasheet
66Kb / 4P
General Purpose Transistors
January, 2006 ??Rev. 4
MMBT2222LT1G ONSEMI-MMBT2222LT1G_09 Datasheet
132Kb / 7P
General Purpose Transistors
October, 2009 ??Rev. 9
logo
WILLAS ELECTRONIC CORP
MMBT3906TT1 WILLAS-MMBT3906TT1 Datasheet
378Kb / 6P
General Purpose Transistors
2SA812XLT1 WILLAS-2SA812XLT1 Datasheet
351Kb / 5P
General Purpose Transistors
BC817-XXLT1 WILLAS-BC817-XXLT1 Datasheet
164Kb / 3P
General Purpose Transistors
logo
First Silicon Co., Ltd
BC807S FS-BC807S Datasheet
107Kb / 3P
General Purpose Transistors
BC847E FS-BC847E Datasheet
427Kb / 5P
General Purpose Transistors
logo
Shanghai Leiditech Elec...
L9012PLT1G LEIDITECH-L9012PLT1G Datasheet
273Kb / 2P
General Purpose Transistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com