Electronic Components Datasheet Search
  English  ▼

X  

157019 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 157019
Description  Compact air cylinder
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

157019 Datasheet(HTML) 1 Page - Festo Corporation.

  157019 Datasheet HTML 1Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Compact air cylinder
AEVU-100-15-A-P-A
Part number: 157019
Data sheet
Feature
Value
Stroke
15 mm
Piston diameter
100 mm
Type code
AEVU
Cushioning
Elastic cushioning rings/pads at both ends
Mounting position
Any
Mode of operation
Pushing
Single-acting
Piston rod end
External thread
Design
Piston
Piston rod
Position sensing
For proximity sensor
Symbol
00991729
Variants
Piston rod at one end
Operating pressure
0.6 bar ... 10 bar
Operating medium
Compressed air as per ISO 8573-1:2010 [7:4:4]
Information on operating and pilot media
Operation with oil lubrication possible (required for further use)
Corrosion resistance class (CRC)
2 - Moderate corrosion stress
Ambient temperature
-20 °C ... 80 °C
Impact energy in the end positions
1 J
Theoretical force at 6 bar, advancing
4516 N
Moving mass at 0 mm stroke
614 g
Additional weight per 10 mm stroke
177 g
Basic weight with 0 mm stroke
2797 g
Additional moving mass per 10 mm stroke
38 g
Type of mounting
With accessories
With through-hole
Optionally:
Pneumatic connection
G1/4
Flange screws material
Steel, galvanized
Cover material
Wrought aluminum alloy
Material of dynamic seals
NBR
TPE-U(PU)
Piston rod material
High-alloy steel
Material of cylinder barrel
Wrought aluminum alloy
7/13/20 - Subject to change - Festo AG & Co. KG
1/1


Similar Part No. - 157019

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
157010 FESTO-157010 Datasheet
117Kb / 1P
Compact air cylinder
157011 FESTO-157011 Datasheet
117Kb / 1P
Compact air cylinder
logo
PHOENIX CONTACT
1570113 PHOENIX-1570113 Datasheet
4Mb / 13P
CHARX T2HCI12-3AC32-3,0M2 - Vehicle charging inlet
logo
Adels-Contact
157011G ADELS-157011G Datasheet
123Kb / 1P
LEDtrack POD/11 GEH
157011O ADELS-157011O Datasheet
122Kb / 1P
LEDtrack POD/11 OT
More results

Similar Description - 157019

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
8076392 FESTO-8076392 Datasheet
91Kb / 1P
Compact air cylinder
11/30/21
8076398 FESTO-8076398 Datasheet
92Kb / 1P
Compact air cylinder
11/30/21
8076400 FESTO-8076400 Datasheet
92Kb / 1P
Compact air cylinder
11/30/21
8076412 FESTO-8076412 Datasheet
91Kb / 1P
Compact air cylinder
11/30/21
8091429 FESTO-8091429 Datasheet
92Kb / 1P
Compact air cylinder
11/30/21
8091667 FESTO-8091667 Datasheet
93Kb / 1P
Compact air cylinder
11/30/21
8091668 FESTO-8091668 Datasheet
93Kb / 1P
Compact air cylinder
11/30/21
8091678 FESTO-8091678 Datasheet
93Kb / 1P
Compact air cylinder
11/30/21
8076322 FESTO-8076322 Datasheet
91Kb / 1P
Compact air cylinder
12/2/21
8076334 FESTO-8076334 Datasheet
91Kb / 1P
Compact air cylinder
12/2/21
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com