Electronic Components Datasheet Search
  English  ▼

X  

REF4132-3.3 Datasheet(PDF) 8 Page - Texas Instruments

Part # REF4132-3.3
Description  REF4132-Q1 Low-Drift, Low-Power, Small-Footprint Series Voltage Reference
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

REF4132-3.3 Datasheet(HTML) 8 Page - Texas Instruments

Back Button REF4132-3.3 Datasheet HTML 4Page - Texas Instruments REF4132-3.3 Datasheet HTML 5Page - Texas Instruments REF4132-3.3 Datasheet HTML 6Page - Texas Instruments REF4132-3.3 Datasheet HTML 7Page - Texas Instruments REF4132-3.3 Datasheet HTML 8Page - Texas Instruments REF4132-3.3 Datasheet HTML 9Page - Texas Instruments REF4132-3.3 Datasheet HTML 10Page - Texas Instruments REF4132-3.3 Datasheet HTML 11Page - Texas Instruments REF4132-3.3 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
Solder Heat Shift (%)
0
10%
20%
30%
40%
50%
D017
Thermal Hysteresis - Cycle 2 (ppm)
0
5%
10%
15%
20%
25%
30%
D016
Thermal Hysteresis - Cycle 1 (ppm)
0
5%
10%
15%
20%
25%
30%
D016
Temperature (°C)
-40
-15
10
35
60
85
110 125
0
0.5
1
1.5
2
2.5
3
250µs/div
2.5V/div
15mV/div
VIN
VOUT
(CL = 1µF)
250µs/div
(CL = 10µF, IOUT = 10mA)
10mA/div
20mV/div
ILOAD
VOUT
+10mA
-10mA
+10mA
8
REF4132-Q1
SNAS795A – FEBRUARY 2020 – REVISED JULY 2020
www.ti.com
Product Folder Links: REF4132-Q1
Submit Documentation Feedback
Copyright © 2020, Texas Instruments Incorporated
Typical Characteristics (continued)
at TA = 25°C, VIN = VEN = 5 V, IL = 0 mA, CL = 10 µF, CIN = 0.1 µF (unless otherwise noted)
Figure 13. Load Transient
Figure 14. Line Transient
Figure 15. Quiescent Current Shutdown Mode
Figure 16. Thermal Hysteresis Distribution (Cycle 1)
Figure 17. Thermal Hysteresis Distribution (Cycle 2)
Refer to Solder Heat Shift for more information
Figure 18. Solder Heat Shift Distribution



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com