Electronic Components Datasheet Search
  English  ▼

X  

S1DL Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # S1DL
Description  1.0 AMP. Surface Mount Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

S1DL Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  S1DL Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd S1DL Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
- 480 -
0.114(2.9)
0.106(2.7)
DETAIL "A", SCALE=20/1
A
5
O
5
O
0.15(3.8)
0.134(3.4)
S1AL THRU S1ML
1.0 AMP. Surface Mount Rectifiers
Voltage Range
50 to 1000 Volts
Current
1.0 Ampere
Features
For surface mounted application
Glass passivated junction chip.
Low-PROFILE PACKAGE
Ideal for automated placement
Low power loss, high efficiency
High temperature soldering:
260
oC / 10 seconds at terminals
Mechanical Data
Case: JEDEC DO-219-AB(SMF) plastic case
Polarity: Color band denotes cathode end
Packaging: 12mm tape per EIA STD RS-481
Weight: approx. 15mg
Sub SMA
Dimensions in inches and (millimeters)
Maximum Ratings and Electrical Characteristics
Rating at 25
℃ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Type Number
Symbol S1AL S1BL S1DL S1GL S1JL S1KL S1ML Units
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
400
600
800 1000
V
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800 1000
V
Marking Code (Note 3)
1ALYM 1BLYM 1DLYM 1GLYM 1JLYM 1KLYM 1MLYM
Maximum Average Forward Rectified
Current
@TL =110
℃
I(AV)
1.0
A
Peak Forward Surge Current, 8.3 ms Single
Half Sine-wave Superimposed on Rated
Load (JEDEC method )
IFSM
30
A
Maximum Instantaneous Forward Voltage
@ 1.0A
VF
1.1
V
Maximum DC Reverse Current @ TA =25
℃
at Rated DC Blocking Voltage @ TA=125
℃
IR
5
50
uA
uA
Typical Thermal Resis tance (Note 2)
R
θJL
R
θJA
25
85
30
85
℃/W
Typical Junction Capacitance ( Note 1 )
Cj
9
pF
Operating Temperature Range
TJ
-55 to +150
℃
Storage Temperature Range
TSTG
-55 to +150
℃
Notes: 1. Measured at 1 MHz and Applied V
R=4.0 Volts
2. Measured on P.C. Board with 0.2 x 0.2” (5.0 x 5.0mm) Copper Pad Areas.
3. 1ALYM: 1=1A, A=50V, L-Low Profile, Y-Year Code, M-Month Code.


Similar Part No. - S1DL

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
S1DL TSC-S1DL Datasheet
375Kb / 2P
1.0 AMP. Surface Mount Rectifiers
S1DL TSC-S1DL Datasheet
548Kb / 2P
1.0 AMP. Surface Mount Rectifiers
S1DL TSC-S1DL Datasheet
190Kb / 2P
1.0AMP Surface Mount Rectifiers
logo
Guangdong Kexin Industr...
S1DL KEXIN-S1DL Datasheet
795Kb / 2P
Rectifier Diodes
logo
Rugao Dachang Electroni...
S1DL DACHANG-S1DL Datasheet
128Kb / 2P
Surface Mount General Rectifier
More results

Similar Description - S1DL

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
GS1A JGD-GS1A Datasheet
149Kb / 2P
1.0 AMP. SURFACE MOUNT RECTIFIERS
logo
Taiwan Semiconductor Co...
S1A TSC-S1A_1 Datasheet
132Kb / 2P
1.0 AMP. Surface Mount Rectifiers
S1AB TSC-S1AB_1 Datasheet
248Kb / 2P
1.0 AMP. Surface Mount Rectifiers
S1AL TSC-S1AL_1 Datasheet
375Kb / 2P
1.0 AMP. Surface Mount Rectifiers
S1AS TSC-S1AS Datasheet
577Kb / 2P
1.0 AMP. Surface Mount Rectifiers
S1AB TSC-S1AB_10 Datasheet
509Kb / 2P
1.0 AMP. Surface Mount Rectifiers
S1AL TSC-S1AL_10 Datasheet
548Kb / 2P
1.0 AMP. Surface Mount Rectifiers
logo
MAKO SEMICONDUCTOR CO.,...
1N4001 MAKOSEMI-1N4001 Datasheet
97Kb / 2P
1.0 AMP. Surface Mount Rectifiers
1N4002 MAKOSEMI-1N4002 Datasheet
97Kb / 2P
1.0 AMP. Surface Mount Rectifiers
1N4005 MAKOSEMI-1N4005 Datasheet
97Kb / 2P
1.0 AMP. Surface Mount Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com