Electronic Components Datasheet Search
  English  ▼

X  

FTC2690 Datasheet(PDF) 2 Page - First Silicon Co., Ltd

Part # FTC2690
Description  Audio frequency power amplifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTC2690 Datasheet(HTML) 2 Page - First Silicon Co., Ltd

  FTC2690 Datasheet HTML 1Page - First Silicon Co., Ltd FTC2690 Datasheet HTML 2Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2012.01.16
2/2
FTC2690/A
Revision No : 0
●
Electrical characteristic curves
n
i
a
G
t
n
e
r
r
u
c
C
D
.
2
e
r
u
g
i
F
c
it
s
ir
e
t
c
a
r
a
h
C
c
it
a
t
S
.
1
e
r
u
g
i
F
Figure 3. Base-Emitter Saturation Voltage
Collector-Emitter Saturation Voltage
Figure 4. Collector Output Capacitance
a
e
r
A
g
n
it
a
r
e
p
O
e
f
a
S
.
6
e
r
u
g
i
F
t
c
u
d
o
r
P
h
t
d
i
w
d
n
a
B
n
i
a
G
t
n
e
r
r
u
C
.
5
e
r
u
g
i
F
0
10
20
30
40
50
60
70
80
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
I
B=0mA
I
B=1mA
I
B=2mA
I
B=3mA
I
B=4mA
I
B=5mA
I
B=6mA
I
B=7mA
I
B=8mA
I
B=9mA
I
B=10mA
Pulse Test
V
CE[V], COLLECTOR-EMITTER VOLTAGE
0.01
0.1
1
10
1
10
100
1000
V
CE = 5V
Pulse Test
0.001
I
C[A], COLLECTOR CURRENT
1E 3
0.01
0.1
1
10
0.01
0.1
1
10
I
C = 5 IB
Pulse Test
V
CE(sat)
V
BE(sat)
I
C[A], COLLECTOR CURRENT
0
0
0
1
0
0
1
0
1
1
1
10
100
1000
f = 1MHz
I
E = 0
V
CB[V], COLLECTOR-BASE VOLTAGE
1
1
.
0
1
0
.
0
1
10
100
1000
V
CE = 5V
Pulse Test
I
C[A], COLLECTOR CURRENT
0
0
0
1
0
0
1
0
1
1
0.01
0.1
1
10
KSC2690A
V
CEO MAX
KSC2690 V
CEO MAX
Dissipa
tion
Limite
d
I
C(max) Pulse
I
C(max) DC
V
CE[V], COLLECTOR-EMITTER VOLTAGE
Figure 7. Derating Curve of Safe Operating Areas
Figure 8. Power Derating
0
25
50
75
100
125
150
175
0
20
40
60
80
100
120
140
160
Diss
ipa
tion
Lim
ited
S/b Lim
ited
T
C[
oC], CASE TEMPERATURE
0
25
50
75
100
125
150
175
0
4
8
12
16
20
24
28
32
T
C[
oC], CASE TEMPERATURE



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com