Electronic Components Datasheet Search
  English  ▼

X  

FTC2878 Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # FTC2878
Description  High Emitter-Base Voltage
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTC2878 Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  FTC2878 Datasheet HTML 1Page - First Silicon Co., Ltd FTC2878 Datasheet HTML 2Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2012. 01. 16
1/2
SEMICONDUCTOR
TECHNICAL DATA
FTC2878
Revision No : 0
FTC2878
TRANSISTOR (NPN)
FEATURES
High Emitter-Base Voltage
Low on Resistance
MAXIMUM RATINGS (Ta=25℃ unless otherwise noted)
Symbol
Parameter
Value
Unit
VCBO
Collector-Base Voltage
50
V
VCEO
Collector-Emitter Voltage
20
V
VEBO
Emitter-Base Voltage
15
V
IC
Collector Current -Continuous
0.3
A
PC
Collector Power Dissipation
0.4
W
Tj
Junction Temperature
150
℃
Tstg
Storage Temperature
-55-150
℃
ELECTRICAL CHARACTERISTICS (Ta=25℃ unless otherwise specified)
Parameter
Symbol
Test
conditions
Min
Typ
Max
Unit
Collector-base breakdown voltage
V(BR)CBO
IC=10
μA,IE
0
5
0
=
V
Collector-emitter breakdown voltage
V(BR)CEO
IC=1mA,IB
0
2
0
=
V
Emitter-base breakdown voltage
V(BR)EBO
IE=10
μA,IC
5
1
0
=
V
Collector cut-off current
ICBO
VCB=50V,IE 0
=
0.1
μA
Emitter cut-off current
IEBO
VEB=15V,IC 0
=
0.1
μA
DC current gain
hFE
VCE=2V,IC
0
0
2
A
m
4
=
1200
Collector-emitter saturation voltage
VCE(sat)
IC=30mA,IB
A
m
3
=
0.3
V
Base-emitter voltage
VBE(on)
VCE=2V,IC
A
m
4
=
0.71
V
Transition frequency
fT
VCE=6V,IC=4mA
30
MHz
Collector output capacitance
Cob
VCB=10V,IE=0,f=1MHz
7
pF
Turn-on time
ton
160
nS
Storage time
tS
500
nS
Fall time
tf
VCC=12V,IC=12mA,IB=1.2mA
130
nS
CLASSIFIC ATION OF hFE
Rank
B
A
Range
0
0
2
1
-
0
5
3
0
0
7
-
0
0
2
TO-92
1. EMITTER
2. COLLECTOR
3. BASE


Similar Part No. - FTC2878

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
FTC2314 FS-FTC2314 Datasheet
351Kb / 3P
TRANSISTOR (NPN)
FTC2316 FS-FTC2316 Datasheet
73Kb / 2P
TRANSISTOR (NPN)
FTC2328A FS-FTC2328A Datasheet
120Kb / 2P
Audio power amplifier
FTC2330 FS-FTC2330 Datasheet
108Kb / 2P
TRANSISTOR (NPN)
FTC2383 FS-FTC2383 Datasheet
240Kb / 3P
TRANSISTOR (NPN)
More results

Similar Description - FTC2878

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BC847BLD DIODES-BC847BLD Datasheet
100Kb / 5P
SMALL SIGNAL NPN TRANSISTOR WITH CONTROLLED BASE-EMITTER VOLTAGE
DS30824 Rev. 3 - 2
BC847BLD DIODES-BC847BLD_1 Datasheet
198Kb / 4P
SMALL SIGNAL NPN TRANSISTOR WITH CONTROLLED BASE-EMITTER VOLTAGE
DS30824 Rev. 4 - 2
logo
Lite-On Technology Corp...
CNY17-3S-TA1 LITEON-CNY17-3S-TA1 Datasheet
169Kb / 9P
High collector-emitter voltage
CNY17F-2 LITEON-CNY17F-2 Datasheet
171Kb / 9P
High collector-emitter voltage
CNY17F-2M LITEON-CNY17F-2M Datasheet
171Kb / 9P
High collector-emitter voltage
logo
Sharp Corporation
PC4H510NIP0F SHARP-PC4H510NIP0F Datasheet
194Kb / 12P
Mini-flat Half-pitch Package, High Collector-emitter Voltage High Collector-emitter Voltage
logo
MAKO SEMICONDUCTOR CO.,...
KTD1304 MAKOSEMI-KTD1304 Datasheet
94Kb / 2P
High emitter-base voltage
logo
SHIKUES Electronics
2SA1774R SKTECHNOLGY-2SA1774R Datasheet
588Kb / 3P
High collector to emitter voltage
2SB805 SKTECHNOLGY-2SB805 Datasheet
676Kb / 1P
High collerctor to emitter voltage
2SB806 SKTECHNOLGY-2SB806 Datasheet
685Kb / 1P
High collector to emitter voltage
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com