Electronic Components Datasheet Search
  English  ▼

X  

FTC2983 Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # FTC2983
Description  Power Amplifier Applications
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTC2983 Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  FTC2983 Datasheet HTML 1Page - First Silicon Co., Ltd FTC2983 Datasheet HTML 2Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2011. 12. 26
1/2
SEMICONDUCTOR
TECHNICAL DATA
FTC2983
Revision No : 0
DPAK
DIM
MILLIMETERS
A
B
C
D
F
H
I
J
L
6 50 ± 0 2
5 60 ± 0 2
5 20 ± 0 2
1 50 ± 0 2
2 70 ± 0 2
2 30 ± 0 1
1 00 MAX
2 30 ± 0 2
0 5 ± 0 1
0 50 ± 0 10
E
1 6 ± 0 2
O
A
C
I
J
H
F
F
L
1
2
3
1 BASE
2 COLLECTOR
3 EMITTER
0 95 MAX
Q
c
m
f r
High transition frequency: fT = 100 MHz (typ.)
Complementary to FTA1225
t
i
n
U
e
u
l
a
V
r
e
t
e
m
a
r
a
P
l
o
b
m
y
S
VCBO
Collector-Base Voltage
160
V
VCEO
Collector-Emitter Voltage
160
V
VEBO
V
5
e
g
a
t
l
o
V
e
s
a
B
-
r
e
t
t
i
m
E
IC
A
5
.
1
t
n
e
r
r
u
C
r
o
t
c
e
ll
o
C
PC
W
1
n
o
i
t
a
p
i
s
s
i
D
r
e
w
o
P
r
o
t
c
e
ll
o
C
RθJA
Thermal Resistance From Junction To Ambient
125
℃/W
Tj
0
5
1
e
r
u
t
a
r
e
p
m
e
T
n
o
i
t
c
n
u
J
Tstg
0
5
1
+
~
5
5
-
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
S
MAXIMUM RATINGS (Ta=25
℃ unless otherwise noted)
ELECTRICAL CHARACTERISTICS (Ta=25
℃ unless otherwise specified)
t
i
n
U
x
a
M
p
y
T
n
i
M
s
n
o
i
t
i
d
n
o
c
t
s
e
T
l
o
b
m
y
S
r
e
t
e
m
a
r
a
P
Collector-base breakdown voltage
V(BR)CBO
IC=1mA,IE=0
160
V
Collector-emitter breakdown voltage
V(BR)CEO
*
IC=10mA,IB=0
160
V
Emitter-base breakdown voltage
V(BR)EBO
IE=1mA,IC
5
0
=
V
Collector cut-off current
ICBO
VCB=160V,IE=0
1
μA
Emitter cut-off current
IEBO
VEB=5V,IC
1
0
=
μA
DC current gain
hFE
VCE=5V, IC=100mA
70
240
Collector-emitter saturation voltage
VCE(sat)
IC=500mA,IB=50mA
1.5
V
Base-emitter voltage
VBE
VCE=5V, IC=500mA
1
V
Collector output capacitance
Cob
VCB=10V,IE=0, f=1MHz
25
pF
Transition frequency
fT
VCE=10V,IC=100mA,
100
MHz
*Pulse test
CLASSIFICATION OF hFE
Y
O
K
N
A
R
RANGE
0
4
2
-
0
2
1
0
4
1
-
0
7


Similar Part No. - FTC2983

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
FTC2314 FS-FTC2314 Datasheet
351Kb / 3P
TRANSISTOR (NPN)
FTC2316 FS-FTC2316 Datasheet
73Kb / 2P
TRANSISTOR (NPN)
FTC2328A FS-FTC2328A Datasheet
120Kb / 2P
Audio power amplifier
FTC2330 FS-FTC2330 Datasheet
108Kb / 2P
TRANSISTOR (NPN)
FTC2383 FS-FTC2383 Datasheet
240Kb / 3P
TRANSISTOR (NPN)
More results

Similar Description - FTC2983

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2SC2881 UTC-2SC2881 Datasheet
115Kb / 3P
VOLTAGE AMPLIFIER APPLICATIONS POWER AMPLIFIER APPLICATIONS
2SC3669 UTC-2SC3669 Datasheet
119Kb / 3P
POWER AMPLIFIER APPLICATIONS POWER SWITCHING APPLICATIONS
logo
Toshiba Semiconductor
2SA1201 TOSHIBA-2SA1201_07 Datasheet
146Kb / 4P
Voltage Amplifier Applications Power Amplifier Applications
2SA1202 TOSHIBA-2SA1202_07 Datasheet
130Kb / 4P
Power Amplifier Applications Voltage Amplifier Applications
2SA1734 TOSHIBA-2SA1734_07 Datasheet
167Kb / 5P
Power Amplifier Applications Power Switching Applications
2SA1201 TOSHIBA-2SA1201_09 Datasheet
158Kb / 4P
Voltage Amplifier Applications Power Amplifier Applications
2SA1202 TOSHIBA-2SA1202_09 Datasheet
142Kb / 4P
Power Amplifier Applications Voltage Amplifier Applications
2SC2881 TOSHIBA-2SC2881_04 Datasheet
146Kb / 4P
Voltage Amplifier Applications Power Amplifier Applications
2SC2882 TOSHIBA-2SC2882_04 Datasheet
125Kb / 4P
Power Amplifier Applications Voltage Amplifier Applications
logo
Unisonic Technologies
2SC2881 UTC-2SC2881_15 Datasheet
175Kb / 4P
VOLTAGE AMPLIFIER APPLICATIONS POWER AMPLIFIER APPLICATIONS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com