Electronic Components Datasheet Search
  English  ▼

X  

FTC4003 Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # FTC4003
Description  TRANSISTOR (NPN)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTC4003 Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  FTC4003 Datasheet HTML 1Page - First Silicon Co., Ltd FTC4003 Datasheet HTML 2Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2013. 08. 09
1/2
SEMICONDUCTOR
TECHNICAL DATA
FTC4003
Revision No : 0
D-PAK (TO-252)
DIM
MILLIMETERS
A
B
C
D
F
H
I
J
L
6 50 ± 0 2
5 60 ± 0 2
5 20 ± 0 2
1 50 ± 0 2
2 70 ± 0 2
2 30 ± 0 1
1 00 MAX
2 30 ± 0 2
0 5 ± 0 1
0 50 ± 0 10
E
1 6 ± 0 2
O
A
C
I
J
H
F
F
L
1
2
3
1 BASE
2 COLLECTOR
3 EMITTER
0 95 MAX
Q
FTC4003
TRANSISTOR (NPN)
FEATURES
High hFE
hFE=60 to 200
low VCE(sat)
VCE(sat)=0.6V
MAXIMUM RATINGS (Ta=25
℃ unless otherwise noted)
Symbol
Parameter
Value
Unit
VCBO
Collector-Base Voltage
400
V
VCEO
Collector-Emitter Voltage
400
V
VEBO
Emitter-Base Voltage
5
V
IC
Collector Current -Continuous
0.2
A
PC
Collector Power Dissipation
1
W
TJ
Junction Temperature
150
℃
Tstg
Storage Temperature
-55-150
℃
ELECTRICAL
CHARACTERISTICS (Ta=25℃ unless
otherwise
specified)
Parameter
Symbol
Test
conditions
Min
Typ
Max
Unit
Collector-base breakdown voltage
V(BR)CBO
IC=10µA,IE
V
0
0
4
0
=
Collector-emitter breakdown voltage
V(BR)CEO
IC=1mA,IB
V
0
0
4
0
=
Emitter-base breakdown voltage
V(BR)EBO
IE=10µA,IC
V
5
0
=
Collector cut-off current
ICBO
VCB=300V,IE
A
µ
1
.
0
0
=
Emitter cut-off current
IEBO
VEB=4V,IC
A
µ
1
.
0
0
=
DC current gain
hFE
VCE=10V,IC=50mA
60
200
Collector-emitter saturation voltage
VCE(sat)
IC=50mA,IB
V
6
.
0
A
m
5
=
Base-emitter saturation voltage
VBE(sat)
IC=50mA,IB
V
1
A
m
5
=
Transition frequency
fT
VCE=30V,IC
z
H
M
0
7
A
m
0
1
=
CLASSIFICATION OF
hFE
Rank
E
D
Range
0
0
2
-
0
0
1
0
2
1
-
0
6


Similar Part No. - FTC4003

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
FTC4081 FS-FTC4081 Datasheet
128Kb / 6P
General Purpose Transistors NPN Silicon
FTC4081-Q FS-FTC4081-Q Datasheet
128Kb / 6P
General Purpose Transistors NPN Silicon
FTC4081-R FS-FTC4081-R Datasheet
128Kb / 6P
General Purpose Transistors NPN Silicon
FTC4081-S FS-FTC4081-S Datasheet
128Kb / 6P
General Purpose Transistors NPN Silicon
FTC4083 FS-FTC4083 Datasheet
103Kb / 2P
High-Frequency Amplifier Transistor
More results

Similar Description - FTC4003

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
DTC114T UTC-DTC114T Datasheet
194Kb / 3P
NPN DIGITAL TRANSISTOR NPN DIGITAL TRANSISTOR
logo
Shenzhen Jin Yu Semicon...
2SC4944 HTSEMI-2SC4944 Datasheet
850Kb / 1P
DUAL TRANSISTOR (NPN NPN)
logo
Jiangsu Changjiang Elec...
BC847BV JIANGSU-BC847BV Datasheet
3Mb / 3P
DUAL TRANSISTOR(NPN NPN)
EMX18 JIANGSU-EMX18 Datasheet
776Kb / 3P
DUAL TRANSISTOR(NPNNPN)
EMX1 JIANGSU-EMX1 Datasheet
3Mb / 4P
DUAL TRANSISTOR(NPNNPN)
IMX2 JIANGSU-IMX2 Datasheet
5Mb / 4P
DUAL TRANSISTOR (NPNNPN)
MMDT3904 JIANGSU-MMDT3904 Datasheet
1Mb / 4P
DUAL TRANSISTOR (NPNNPN)
UMX2N JIANGSU-UMX2N Datasheet
1Mb / 3P
DUAL TRANSISTOR (NPNNPN)
UMX3N JIANGSU-UMX3N Datasheet
3Mb / 4P
DUAL TRANSISTOR (NPNNPN)
logo
Rectron Semiconductor
MMDT3904 RECTRON-MMDT3904 Datasheet
263Kb / 5P
DUAL TRANSISTOR (NPNNPN)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com