Electronic Components Datasheet Search
  English  ▼

X  

SB103 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # SB103
Description  Single Phase 10 AMPS. Silicon Bridge Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

SB103 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  SB103 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd SB103 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
- 686 -
SB101 THRU SB107
Single Phase 10 AMPS. Silicon Bridge Rectifiers
Voltage Range
50 to 1000 Volts
Current
10.0 Amperes
Features
UL Recognized File # E-96005
Surge overload rating 200 amperes peak
Low forward voltage drop
High temperature soldering guaranteed:
260
℃ / 10 seconds / 0.375” ( 9.5mm )
lead length at 5 lbs., ( 2.3 kg ) tension
Small size, simple installation
Leads solderable per MIL-STD-202
Method 208
SB-10
Dimensions in inches and (millimeters)
Maximum Ratings and Electrical Characteristics
Rating at 25
℃ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Type Number
Symbol
SB
101
SB
102
SB
103
SB
104
SB
105
SB
106
SB
107
Units
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
400
600
800 1000
V
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800 1000
V
Maximum Average Forward Rectified Current
@TA = 50
℃
I(AV)
10
A
Peak Forward Surge Current, 8.3 ms Single
Half Sine-wave Superimposed on Rated
Load (JEDEC method )
IFSM
300
A
Maximum Instantaneous Forward Voltage
@ 5.0A
VF
1.1
V
Maximum DC Reverse Current @ TA=25
℃
at Rated DC Blocking Voltage @ TA=100
℃
IR
10
500
uA
uA
Typical Thermal Resistance (Note)
R
θJC
5
℃/W
Operating Temperature Range
TJ
-55 to +125
℃
Storage Temperature Range
TSTG
-55 to +150
℃
Note: Thermal Resistance from Junction to Case per Leg.


Similar Part No. - SB103

ManufacturerPart #DatasheetDescription
logo
Edal Industries, Inc.
SB103 EDAL-SB103 Datasheet
53Kb / 1P
Silicon Schottky Barrier Rectifiers
logo
Pan Jit International I...
SB1030 PANJIT-SB1030 Datasheet
38Kb / 2P
SCHOTTKY BARRIER RECTIFIERS(VOLTAGE- 20 to 100 Volts CURRENT - 10.0 Ampere)
logo
Transys Electronics
SB1030 TRSYS-SB1030 Datasheet
146Kb / 2P
10 AMPERE SCHOTTKY BARRIER RECTIFIERS
logo
Won-Top Electronics
SB1030 WTE-SB1030 Datasheet
39Kb / 3P
10A SCHOTTKY BARRIER RECTIFIER
SB1030 WTE-SB1030 Datasheet
50Kb / 4P
10A SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - SB103

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
KBPC1000 JGD-KBPC1000 Datasheet
124Kb / 2P
SINGLE PHASE 10 AMPS. SILICON BRIDGE RECTIFIERS
KBPC800 JGD-KBPC800 Datasheet
124Kb / 2P
SINGLE PHASE 8.0 AMPS. SILICON BRIDGE RECTIFIERS
KBU1000 JGD-KBU1000 Datasheet
134Kb / 2P
SINGLE PHASE 10 AMPS. SILICON BRIDGE RECTIFIERS
KBU600 JGD-KBU600 Datasheet
139Kb / 2P
SINGLE PHASE 6.0 AMPS. SILICON BRIDGE RECTIFIERS
W005M JGD-W005M Datasheet
125Kb / 2P
SINGLE PHASE 1.5 AMPS. SILICON BRIDGE RECTIFIERS
logo
Taiwan Semiconductor Co...
KBU401 TSC-KBU401 Datasheet
54Kb / 2P
Single Phase 4.0 AMPS. Silicon Bridge Rectifiers
KBU801 TSC-KBU801 Datasheet
56Kb / 2P
Single Phase 8.0 AMPS. Silicon Bridge Rectifiers
KBU1001 TSC-KBU1001 Datasheet
55Kb / 2P
Single Phase 10 AMPS. Silicon Bridge Rectifiers
KBU1001 TSC-KBU1001_1 Datasheet
168Kb / 2P
Single Phase 10 AMPS. Silicon Bridge Rectifiers
logo
Kingtronics Internation...
KBPC25005W KINGTRONICS-KBPC25005W_15 Datasheet
413Kb / 2P
25 AMPS. Single Phase Silicon Bridge Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com