Electronic Components Datasheet Search
  English  ▼

X  

28F800C3 Datasheet(PDF) 14 Page - Intel Corporation

Part # 28F800C3
Description  3 Volt Intel Advanced Boot Block Flash Memory
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

28F800C3 Datasheet(HTML) 14 Page - Intel Corporation

Back Button 28F800C3 Datasheet HTML 10Page - Intel Corporation 28F800C3 Datasheet HTML 11Page - Intel Corporation 28F800C3 Datasheet HTML 12Page - Intel Corporation 28F800C3 Datasheet HTML 13Page - Intel Corporation 28F800C3 Datasheet HTML 14Page - Intel Corporation 28F800C3 Datasheet HTML 15Page - Intel Corporation 28F800C3 Datasheet HTML 16Page - Intel Corporation 28F800C3 Datasheet HTML 17Page - Intel Corporation 28F800C3 Datasheet HTML 18Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
14
28F800C3, 28F160C3, 28F320C3, 28F640C3 Specification Update
Errata
5.
28F160C3xC and 28F640C3xC Lock/Unlock/Lock-Down Operation
Problem:
On the 16Mb and 64Mb 0.18µm devices, if CE# is deasserted after any block lock operation and
before the next write sequence, the part may perform the same operation on additional blocks. (See
waveform below.)
Implication:
When CE#is deasserted afterperforminga blocklockoperationto a specific blockand priortothe
next write sequence, other blocks may perform the same operation.
Workaround:
Depending on software implementation, systems may already be effectively managing this
erratum. There is currently a workaround for this erratum:
Immediately after performing a block lock, unlock, or lock-down operation, perform a valid write
sequence before chip enable (CE#) is deasserted.
For example, one possible solution is shown below:
1) Assert CE# and toggle WE# to write the block lock setup command (0x60).
2) Toggle WE# a second time to write the confirm command (lock = 0x01; unlock = 0xD0; lock-
down = 0x2F).
3) Toggle WE# a third time (ex: 0xFF- Read Array) before CE# is deasserted. (See waveform
below.) Any other valid write sequence will also work (i.e., 0x90 - Read Configuration, 0x40 -
Program, 0x20 - Erase).
Status:
16Mb and 64Mb devices on the 0.18µm process are affected. Root cause has been identified and
this erratum may be fixed in a future stepping of the product.
CE#
WE#
0x60
0x2F
CE#
WE#
0x60
0x2F
(0xFF)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com