Electronic Components Datasheet Search
  English  ▼

X  

HF3628 Datasheet(PDF) 4 Page - Hongfa Technology

Part # HF3628
Description  Automotive solid state relay
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONGFA [Hongfa Technology]
Direct Link  http://www.hongfa.com
Logo HONGFA - Hongfa Technology

HF3628 Datasheet(HTML) 4 Page - Hongfa Technology

  HF3628 Datasheet HTML 1Page - Hongfa Technology HF3628 Datasheet HTML 2Page - Hongfa Technology HF3628 Datasheet HTML 3Page - Hongfa Technology HF3628 Datasheet HTML 4Page - Hongfa Technology HF3628 Datasheet HTML 5Page - Hongfa Technology HF3628 Datasheet HTML 6Page - Hongfa Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Typical Applications
Features
171
No noise
High electrical endurance
Ambient temp.: range up to 125
Low quiescent current (max.20µA)
Pulse width modulation (PWM)
Ingress protection IP6K9K
Pin assignment compliant with ISO 7588
RoHS & ELV compliant
type
Shell material
Nominal Voltage
Operating voltage rannge
Solid state relay
Aluminium alloy
12VDC
6VDC to 16VDC
Control voltage
Static current
Electrical endurance
Rated conduction resistance
Initial insulation resistance
40A@85
24A@125
NO:(6~16)VDC
OFF:(0~4)VDC
≤20µA
-40
to 125
Ambient temperature
Vibration resistance
Shock resistance
20Hz~2000Hz, acceleration 107.3m/s
2
500m/s
2
IP6K9K
Unit weight
Approx.40g
Protection class
HONGFA RELAY
ISO9001, ISO/TS16949 , ISO14001, OHSAS18001, IECQ QC 080000 CERTIFIED
2018 Rev. 1.00
H F 3 6 28 / 12
●
●
●
●
●
●
●
●
2.5m
20M
(1)
(2)
(3)
CHARACTERISTICS
Suitable for all types of resistance,
Sensibility and tolerance.Load control,
such as Headlight,Gear pump,Motor.
5 x 10
5OPS
(1) Test voltage:12.5V;
(2) Ambient temperature=125
;
Power voltage=16VDC;
Load current=24A;
Switch sequence:3S ON,3S OFF;
(3)Test voltage:500VDC,Length:60S。
Load capacity
Automotive solid state relay



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com