Electronic Components Datasheet Search
  English  ▼

X  

HF3628/12 Datasheet(PDF) 2 Page - Hongfa Technology

Part # HF3628/12
Description  Automotive solid state relay
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONGFA [Hongfa Technology]
Direct Link  http://www.hongfa.com
Logo HONGFA - Hongfa Technology

HF3628/12 Datasheet(HTML) 2 Page - Hongfa Technology

  HF3628/12 Datasheet HTML 1Page - Hongfa Technology HF3628/12 Datasheet HTML 2Page - Hongfa Technology HF3628/12 Datasheet HTML 3Page - Hongfa Technology HF3628/12 Datasheet HTML 4Page - Hongfa Technology HF3628/12 Datasheet HTML 5Page - Hongfa Technology HF3628/12 Datasheet HTML 6Page - Hongfa Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
172
(XXX)
Special code2)
O u tl i ne D i mens i ons
Unit:mm
OUTLINE DIMENSIONS, TERMINAL FUNCITON AND WIRING DIAGRAM
electrical current specification
40: 40A
Coil voltage
Trigger level
Type
Contact arrangement
H: 1 Form A
ORDERING INFORMATION
12: 12VDC
H F 3 6 2 8 /
12
-H
L
40
G: High level start-up
l: low level start-up
XXX: Customer special requirement
Nil: Standard
30.4 0.1
16.8 0.2
30
87a
85
86
87
25
14.5 0.5
11.5 0.5
A-A
Notes:1) The customer special requirement express as special code after evaluating by Hongfa.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com