Electronic Components Datasheet Search
  English  ▼

X  

FTC5027 Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # FTC5027
Description  HIGH VOLTAGE AND HIGH RELIABILITY HIGH SPEED SWITCHING, WIDE SOA
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTC5027 Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  FTC5027 Datasheet HTML 1Page - First Silicon Co., Ltd FTC5027 Datasheet HTML 2Page - First Silicon Co., Ltd FTC5027 Datasheet HTML 3Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
2015. 4. 14
1/3
SEMICONDUCTOR
TECHNICAL DATA
FTC5027F
Revision No : 0
HIGH VOLTAGE AND HIGH RELIABILITY
HIGH SPEED SWITCHING, WIDE SOA
MAXIMUM RATING (Ta=25
)
ELECTRICAL CHARACTERISTICS (Ta=25
)
Note : hFE (1) Classification R:15 30, O:20 40
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Collector Cut-off Current
ICBO
VCB=800V, IE=0
-
-
10
A
Emitter Cut-off Current
IEBO
VEB=5V, IC=0
-
-
10
A
Collector-Emitter Sustaning Voltage
VCEX(SUS)
IC=1.5A, IB1=-IB2=0.3A
L=2mH, Clamped
800
-
-
V
Collector-Emitter Saturation Voltage
VCE(sat)
IC=1.5A, IB=0.3A
-
-
2
V
Base-Emitter Saturation Voltage
VBE(sat)
IC=1.5A, IB=0.3A
-
-
1.5
V
DC Current Gain
hFE (1) (Note)
VCE=5V, IC=0.2A
15
-
40
hFE (2)
VCE=5V, IC=1A
8
-
-
Collector-Base Breakdown Voltage
BVCBO
IC=1mA, IE=0
1100
-
-
V
Collector-Emitter Breakdown Voltage
BVCEO
IC=5mA, RBE=
800
-
-
V
Emitter-Base Breakdown Voltage
BVEBO
IE=1mA, IC=0
7
-
-
V
Collector Output Capacitance
Cob
VCB=10V, f=1MHz, IE=0
-
60
-
pF
Transition Frequency
fT
VCE=10V, IC=0.2A
-
15
-
MHz
Switching
Time
Turn On Time
ton
IB1
200Ω
B1
I
CC
V
=400V
IB2
IB2
20
µS
I
=0 4A , I
=-0 8A
1%
B1
B2
OUTPUT
DUTY CYCLE
INPUT
<
=
-
-
0.5
S
Storage Time
tstg
-
-
3
Fall Time
tf
-
-
0.3
CHARACTERISTIC
SYMBOL
RATING
UNIT
Collector-Base Voltage
VCBO
1100
V
Collector-Emitter Voltage
VCEO
800
V
Emitter-Base Voltage
VEBO
7
V
Collector Current
DC
IC
3
A
Pulse
ICP
10
Base Current
IB
1.5
A
Collector Power Dissipation
(Tc=25
)
PC
40
W
Junction Temperature
Tj
150
Storage Temperature Range
Tstg
-55
150
TO-220F
A
A
B
C
C
D
D
E
E
F
G
H
H
1 52 MAX
1 52 MAX
J
K
L
M
L
N
N
N
O
Q
R
R
1
2
3
M
DIM
MILLIMETERS
10 16
0 20
+
_
15 00
0 20
+
_
3 00
0 20
+
_
0 625±0 125
3 50 typ
0 45
0 1
+
_
3 80
0 2
+
_
13 20
0 20
+
_
2 54
0 2
+
_
4 50
0 2
+
_
6 36
0 3
+
_
2 70
0 20
+
_
2 7 typ
16 80
0 4
+
_
1. Base
2. Collector
3. Emitter


Similar Part No. - FTC5027

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
FTC5171 FS-FTC5171 Datasheet
332Kb / 2P
TRANSISTOR (NPN)
FTC5635 FS-FTC5635 Datasheet
91Kb / 3P
High-FrequencyAmplifier Transistor
FTC5658 FS-FTC5658 Datasheet
498Kb / 5P
NPN Silicon General Purpose Amplifier Transistor
FTC5658Q FS-FTC5658Q Datasheet
498Kb / 5P
NPN Silicon General Purpose Amplifier Transistor
FTC5658R FS-FTC5658R Datasheet
498Kb / 5P
NPN Silicon General Purpose Amplifier Transistor
More results

Similar Description - FTC5027

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KTC4526 KEC-KTC4526 Datasheet
82Kb / 3P
TRIPLE DIFFUSED NPN TRANSISTOR (HIGH VOLTAGE AND HIGH RELLABILITY HIGH SPEED SWITCHING, WIDE SOA)
KTC4527 KEC-KTC4527 Datasheet
84Kb / 3P
TRIPLE DIFFUSED NPN TRANSISTOR (HIGH VOLTAGE AND HIGH RELLABILITY HIGH SPEED SWITCHING, WIDE SOA)
KTC4527F KEC-KTC4527F Datasheet
86Kb / 3P
TRIPLE DIFFUSED NPN TRANSISTOR (HIGH VOLTAGE AND HIGH RELLABILITY HIGH SPEED SWITCHING, WIDE SOA)
logo
Fairchild Semiconductor
FJPF5021 FAIRCHILD-FJPF5021 Datasheet
57Kb / 5P
High Voltage and High Reliability
FJP5027 FAIRCHILD-FJP5027 Datasheet
59Kb / 5P
High Voltage and High Reliability
logo
List of Unclassifed Man...
2SC2614 ETC-2SC2614 Datasheet
41Kb / 1P
HIGH VOLTAGE, HIGH SPEED AND HIGH POWER SWITCHING
2SC2616 ETC-2SC2616 Datasheet
38Kb / 1P
HIGH VOLTAGE, HIGH SPEED AND HIGH POWER SWITCHING
logo
Hitachi Semiconductor
2SC2928 HITACHI-2SC2928 Datasheet
42Kb / 1P
HIGH VOLTAGE, HIGH SPEED AND HIGH POWER SWITCHING
logo
IXYS Corporation
IXSH35N140A IXYS-IXSH35N140A Datasheet
521Kb / 5P
High Voltage, High speed IGBT - Short Circuit SOA Capability
logo
Rohm
IMN10 ROHM-IMN10_13 Datasheet
527Kb / 4P
Switching Diode Ultra high speed switching High reliability.
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com