Electronic Components Datasheet Search
  English  ▼

X  

FTC5171 Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # FTC5171
Description  TRANSISTOR (NPN)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTC5171 Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  FTC5171 Datasheet HTML 1Page - First Silicon Co., Ltd FTC5171 Datasheet HTML 2Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2016. 04. 05
1/2
SEMICONDUCTOR
TECHNICAL DATA
FTC5171
Revision No : 0
FTC5171
TRANSISTOR (NPN)
FEATURES
TO-220F
A
A
B
C
C
D
D
E
E
F
G
H
H
1 52 MAX
1 52 MAX
J
K
L
M
L
N
N
N
O
Q
R
R
1
2
3
M
DIM
MILLIMETERS
10 16
0 20
+
_
15 00
0 20
+
_
3 00
0 20
+
_
0 625±0 125
3 50 typ
0 45
0 1
+
_
3 80
0 2
+
_
13 20
0 20
+
_
2 54
0 2
+
_
4 50
0 2
+
_
6 36
0 3
+
_
2 70
0 20
+
_
2 7 typ
16 80
0 4
+
_
1. Base
2. Collector
3. Emitter
Extremely Satisfactory Linearity of the Forward Current
Transfer Ratio hFE
Wide Safe Operation Area
General power and driver stage amplifier applications.
Full-pack Package which can be Installed to the Heat Sink with
One Screw.
MAXIMUM RATINGS (Ta=25
℃ unless otherwise noted)
ELECTRICAL
CHARACTERISTICS (Ta=25
℃ unless otherwise specified)
Parameter
Symbol
Rating
Unit
Collector to Base Voltage
VCBO
180
V
V
e
g
a
t
l
o
V
r
e
t
t
i
m
E
o
t
r
o
t
c
e
ll
o
C
CEO
180
V
V
e
g
a
t
l
o
V
e
s
a
B
o
t
r
e
t
t
i
m
E
EBO
5.0
V
I
s
u
o
u
n
i
t
n
o
C
-
t
n
e
r
r
u
C
r
o
t
c
e
ll
o
C
C
2.0
A
I
s
u
o
u
n
i
t
n
o
C
-
t
n
e
r
r
u
C
e
s
a
B
B
1.0
A
P
n
o
i
t
a
p
i
s
s
i
D
r
e
w
o
P
r
o
t
c
e
ll
o
C
C
2.0
W
P
n
o
i
t
a
p
i
s
s
i
D
r
e
w
o
P
r
o
t
c
e
ll
o
C
C(Tc=25
)
℃
20
W
Junction Temperature
Tj
150
℃
Storage Temperature Range
Tstg
-55~150
℃
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Collector to Emitter Breakdown
Voltage
VCEO
IC=10mA
IB=0
180
V
Collector Cut-Off Current
ICBO
VCB=180V
IE=0
5.0
μA
Emitter Cut-Off Current
IEBO
VEB=5.0V
IC=0
5.0
μA
DC Current Gain
hFE(1)
VCE=5.0V
IC=100mA
100
320
hFE(2)
VCE=5.0V
IC=1.0A
50
Collector to Emitter Saturation
Voltage
VCE(sat)
IC=1.0A
IB=100mA
0.16
1.0
V
Base to Emitter Voltage
VBE
VCE=5.0V
IC=1.0A
0.68
1.5
V
Transition Frequency
fT
VCE=5.0V
IC=300mA
200
MHz
Collector output capacitance
Cob
VCB=10V
IE=0
f=1.0MHz
16
pF


Similar Part No. - FTC5171

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
FTC5027 FS-FTC5027 Datasheet
453Kb / 3P
HIGH VOLTAGE AND HIGH RELIABILITY HIGH SPEED SWITCHING, WIDE SOA
FTC5635 FS-FTC5635 Datasheet
91Kb / 3P
High-FrequencyAmplifier Transistor
FTC5658 FS-FTC5658 Datasheet
498Kb / 5P
NPN Silicon General Purpose Amplifier Transistor
FTC5658Q FS-FTC5658Q Datasheet
498Kb / 5P
NPN Silicon General Purpose Amplifier Transistor
FTC5658R FS-FTC5658R Datasheet
498Kb / 5P
NPN Silicon General Purpose Amplifier Transistor
More results

Similar Description - FTC5171

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
DTC114T UTC-DTC114T Datasheet
194Kb / 3P
NPN DIGITAL TRANSISTOR NPN DIGITAL TRANSISTOR
logo
Shenzhen Jin Yu Semicon...
2SC4944 HTSEMI-2SC4944 Datasheet
850Kb / 1P
DUAL TRANSISTOR (NPN NPN)
logo
Jiangsu Changjiang Elec...
BC847BV JIANGSU-BC847BV Datasheet
3Mb / 3P
DUAL TRANSISTOR(NPN NPN)
EMX18 JIANGSU-EMX18 Datasheet
776Kb / 3P
DUAL TRANSISTOR(NPNNPN)
EMX1 JIANGSU-EMX1 Datasheet
3Mb / 4P
DUAL TRANSISTOR(NPNNPN)
IMX2 JIANGSU-IMX2 Datasheet
5Mb / 4P
DUAL TRANSISTOR (NPNNPN)
MMDT3904 JIANGSU-MMDT3904 Datasheet
1Mb / 4P
DUAL TRANSISTOR (NPNNPN)
UMX2N JIANGSU-UMX2N Datasheet
1Mb / 3P
DUAL TRANSISTOR (NPNNPN)
UMX3N JIANGSU-UMX3N Datasheet
3Mb / 4P
DUAL TRANSISTOR (NPNNPN)
logo
Rectron Semiconductor
MMDT3904 RECTRON-MMDT3904 Datasheet
263Kb / 5P
DUAL TRANSISTOR (NPNNPN)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com