Electronic Components Datasheet Search
  English  ▼

X  

FTC8050H Datasheet(PDF) 3 Page - First Silicon Co., Ltd

Part # FTC8050H
Description  General Purpose Transistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTC8050H Datasheet(HTML) 3 Page - First Silicon Co., Ltd

  FTC8050H Datasheet HTML 1Page - First Silicon Co., Ltd FTC8050H Datasheet HTML 2Page - First Silicon Co., Ltd FTC8050H Datasheet HTML 3Page - First Silicon Co., Ltd FTC8050H Datasheet HTML 4Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2019. 07. 01
3/4
FTC8050H
Revision No : 4
0.2
0.4
0.6
0.8
1.0
1.2
1
10
100
1000
1
1
1
0
00
1
10
100
1000
0
25
50
75
100
125
150
0
50
100
150
200
250
300
350
1
10
100
1000
0.2
0.4
0.6
0.8
1.0
1.2
0.1
1
10
1
10
100
1
10
100
1000
10
100
1000
0.0
0.5
1.0
1.5
2.0
2.5
0
20
40
60
80
100
120
140
1
10
100
1000
1
10
100
1000
300
30
3
30
3
1500
300
30
3
COMMON EMITTER
V
CE
=1V
BASE-EMMITER VOLTAGE
V
BE
(V)
I
C
V
BE
——
T
a
=100℃
T
a
=25℃
I
C
f
T
——
COLLECTOR CURRENT
I
C
(mA)
V
CE
=10V
T
a
=25℃
AMBIENT TEMPERATURE
T
a
(
)
℃
P
C
——
T
a
Typical Characterisitics
COLLECTOR CURRENT
I
C
(mA)
I
C
V
BEsat
——
β=10
T
a
=100℃
T
a
=25℃
1500
C
ob
C
ib
REVERSE VOLTAGE
V
(V)
V
CB
/ V
EB
C
ob
/ C
ib
——
f=1MHz
I
E
=0/I
C
=0
T
a
=25℃
200
20
300
30
3
300
30
3
3
30
300
300
30
3
30
300
COMMON EMITTER
V
CE
=1V
COLLECTOR CURRENT
I
C
(mA)
I
C
h
FE
——
1500
COMMON
EMITTER
T
a
=25℃
500uA
450uA
400uA
350uA
300uA
250uA
200uA
150uA
100uA
I
B
=50uA
COLLECTOR-EMITTER VOLTAGE
V
CE
(V)
Static Characteristic
3
0.3
30
3
β=10
T
a
=100℃
T
a
=25℃
COLLECTOR CURRENT
I
C
(mA)
I
C
V
CEsat
——
1500
Ta=100℃
Ta=25℃



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com