Electronic Components Datasheet Search
  English  ▼

X  

FTC8050HH Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # FTC8050HH
Description  General Purpose Transistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTC8050HH Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  FTC8050HH Datasheet HTML 1Page - First Silicon Co., Ltd FTC8050HH Datasheet HTML 2Page - First Silicon Co., Ltd FTC8050HH Datasheet HTML 3Page - First Silicon Co., Ltd FTC8050HH Datasheet HTML 4Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
General Purpose Transistors
MAXIMUM RATINGS
Rating
Symbol
Max
Unit
V
e
g
a
t
l
o
V
r
e
t
t
i
m
E
-
r
o
t
c
e
ll
o
C
CEO
50
V
e
g
a
t
l
o
V
e
s
a
B
-
r
o
t
c
e
ll
o
C
CBO
50
V
e
g
a
t
l
o
V
e
s
a
B
-
r
e
t
t
i
m
E
EBO
6
I
n
u
o
u
n
i
t
n
o
c
-
t
n
e
r
r
u
C
r
o
t
c
e
ll
o
C
C
1500
mAdc
THERMAL CHARACTERISTICS
Characteristic
Symbol
Unit
Total Dissipation Power
D
225
mW
Junction and Storage Temperature
j ,
T
S
t g
-55 to +150
NPN Silicon
FEATURE
High current capacity in compact package.
IC =1.5A.
Epitaxial planar type.
Pb-Free Package is available.
P
T
1
3
2
SOT–23
1
BASE
2
EMITTER
COLLECTOR
3
DEVICE MARKING AND ORDERING INFORMATION
Device
FTC8050HH
KEY
Shipping
3000/Tape&Reel
Marking
V
SEMICONDUCTOR
TECHNICAL DATA
FTC8050HH
2019. 02. 07
1/4
Revision No : 0
V
V
°C
Max


Similar Part No. - FTC8050HH

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
FTC8050H FS-FTC8050H Datasheet
374Kb / 4P
General Purpose Transistors
More results

Similar Description - FTC8050HH

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N4403 ONSEMI-2N4403 Datasheet
106Kb / 7P
General Purpose Transistors
March, 2007 ??Rev. 3
logo
SeCoS Halbleitertechnol...
EMX1 SECOS-EMX1 Datasheet
516Kb / 3P
General Purpose Transistors
logo
ON Semiconductor
MMBT2131T1 ONSEMI-MMBT2131T1_06 Datasheet
66Kb / 4P
General Purpose Transistors
January, 2006 ??Rev. 4
MMBT2222LT1G ONSEMI-MMBT2222LT1G_09 Datasheet
132Kb / 7P
General Purpose Transistors
October, 2009 ??Rev. 9
logo
WILLAS ELECTRONIC CORP
MMBT3906TT1 WILLAS-MMBT3906TT1 Datasheet
378Kb / 6P
General Purpose Transistors
2SA812XLT1 WILLAS-2SA812XLT1 Datasheet
351Kb / 5P
General Purpose Transistors
BC817-XXLT1 WILLAS-BC817-XXLT1 Datasheet
164Kb / 3P
General Purpose Transistors
logo
First Silicon Co., Ltd
BC807S FS-BC807S Datasheet
107Kb / 3P
General Purpose Transistors
BC847E FS-BC847E Datasheet
427Kb / 5P
General Purpose Transistors
logo
Shanghai Leiditech Elec...
L9012PLT1G LEIDITECH-L9012PLT1G Datasheet
273Kb / 2P
General Purpose Transistors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com