Electronic Components Datasheet Search
  English  ▼

X  

FTD1304 Datasheet(PDF) 2 Page - First Silicon Co., Ltd

Part # FTD1304
Description  TRANSISTOR (NPN)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTD1304 Datasheet(HTML) 2 Page - First Silicon Co., Ltd

  FTD1304 Datasheet HTML 1Page - First Silicon Co., Ltd FTD1304 Datasheet HTML 2Page - First Silicon Co., Ltd FTD1304 Datasheet HTML 3Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2014. 09. 18
2/3
Revision No : 0
FTD1304
0
0
1
0
1
1
1
.
0
500
550
600
650
700
750
800
850
900
950
1000
0
1
1
1
.
0
1
10
100
0
0
1
0
1
1
1
.
0
0
20
40
60
80
100
120
140
0
25
50
75
100
125
150
0.0
0.1
0.2
0.3
0
0
1
0
1
1
200
400
600
800
0
5
10
15
20
40
50
60
70
80
90
100
0
1
2
3
4
5
6
7
0
1
2
3
4
5
6
7
8
9
10
11
COLLECTOR CURRENT I
C
(mA)
β=10
T
a=100
℃
T
a=25
℃
I
C
V
BEsat ——
300
REVERSE VOLTAGE V (V)
C
ob
C
ib
f=1MHz
IE=0 / IB=0
T
a=25
oC
V
CB / VEB
C
ob / Cib
——
20
300
β=10
COLLECTOR CURRENT I
C
(mA)
T
a=100
℃
T
a=25
℃
V
CEsat ——
I
C
300
Typical Characteristics
AMBIENT TEMPERATURE T
a
( )
℃
P
c
—— T
a
COMMON EMITTER
V
CE=2V
COLLECTOR CURRENT I
C
(mA)
T
a=25
oC
T
a=100
oC
I
C
h
FE ——
COLLECTOR CURRENT I
C
(mA)
I
C
f
T
——
V
CE=10V
T
a=25
oC
16uA
18uA
20uA
COLLECTOR-EMITTER VOLTAGE V
CE
(V)
Static Characteristic
4uA
10uA
6uA
14uA
12uA
8uA
I
B=2uA



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com